Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2061S02-E2-F Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R2061S02-E2-F
Description  3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2061S02-E2-F Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R2061S02-E2-F Datasheet HTML 4Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 5Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 6Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 7Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 8Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 9Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 10Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 11Page - RICOH electronics devices division R2061S02-E2-F Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
R2061x
NO.EA-112-160701
8
* R2061K (FFP12) is the discontinued product as of July, 2016.
R2061K03, R2061L03
(Unless otherwise specified: VSS=0V, VSB=3.0V, VCC=3.3V, 0.1uF between VDD and VSS, CIN and VSS,
Topt=-40 to +85
C)
Symbol
Item
Pin Name
Conditions
Min.
Typ.
Max.
Unit
VIH1
“H” Input Voltage 1
CE, SCLK
0.8x
VCC
5.5
V
VIH2
“H” Input Voltage 2
SIO
0.8x
VCC
VCC+0.3
VIL
“L” Input Voltage
CE, SCLK
SIO
-0.3
0.2xVCC
IOH
“H” Output
Current
SIO
VOH=VCC-0.5V
-0.5
mA
IOL1
“L” Output Current 1
SIO
VOL=0.4V
0.5
mA
IOL2
“L” Output Current 2
INTR
2.0
IOL3
“L” Output Current 3
VDCC
VDD,VSB,VCC=2.0V
VOL=0.4V
0.5
IIL
Input Leakage
Current
SCLK
VI=5.5V or VSS
-1.0
1.0
A
RDNCE
Pull-down Input
register
CE
40
120
400
k
IOZ1
Output Off-state
Current 1
SIO
VO=5.5V or VSS
-1.0
1.0
A
IOZ2
Output Off-state
Current 2
INTR ,
VDCC
VO=5.5V or VSS
-1.0
1.0
A
ISB
Time Keeping Current
at Backup mode
VSB
VCC=0V, VSB=3.0V,
VDD, Output=OPEN
0.4
1.0
A
ISBL
Leakage Current of
Backup pin at
VCC_on
VSB
VCC=3.3V,
VSB=5.5V or 0V,
VDD, Output=OPEN
-1.0
1.0
A
VDETH
Supply Voltage
Monitoring Voltage
“H”
VSB
Topt=25
C
1.90
2.10
2.30
V
VDETL
Supply Voltage
Monitoring Voltage “L”
VDD
Topt=25
C
1.20
1.35
1.50
V
-VDET1
Detector Threshold
Voltage
(falling edge of VCC)
VCC
Topt=25
C
2.73
2.80
2.87
V
+VDET1
Detector Released
Voltage (rising edge
of VCC)
VCC
Topt=25
C
2.85
2.94
3.03
V
VDET
Topt
Detector Threshold
and Released Voltage
Temperature
coefficient
VCC,
VSB
Topt=-40 to 85
C
*1)
100
ppm
/
C
VDDOUT1
VDD Output
Voltage 1
VDD
Topt=25
C, VCC=3.3V,
Iout=1.0mA
VCC-
0.12
VCC-
0.04
V
VDDOUT2
VDD Output
Voltage 2
VDD
Topt=25
C, VCC=2.0V,
VSB=3.0V, Iout=0.1mA
VSB-
0.08
VSB-
0.02
V
CG
Internal Oscillation
Capacitance 1
OSCIN
10
pF
CD
Internal Oscillation
Capacitance 2
OSCOUT
10
*1) Guaranteed by design.


Similar Part No. - R2061S02-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061S02-E2 RICOH-R2061S02-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results

Similar Description - R2061S02-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2051 RICOH-R2051 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com