Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1511174020 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1511174020
Description  2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1511174020 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1511174020 Datasheet HTML 1Page - Molex Electronics Ltd. 1511174020 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.0A
Voltage - Maximum
125V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
011
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
265
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-151117-0001, PK-151117-3000
Product Specification
PS-151117-0001-001
Sales Drawing
SD-151117-0001
This document was generated on 07/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1511174020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511174004 MOLEX1-1511174004 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174006 MOLEX1-1511174006 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174008 MOLEX1-1511174008 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174010 MOLEX1-1511174010 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174012 MOLEX1-1511174012 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
More results

Similar Description - 1511174020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511174008 MOLEX1-1511174008 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174054 MOLEX1-1511174054 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174068 MOLEX1-1511174068 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511175414 MOLEX1-1511175414 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174016 MOLEX1-1511174016 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174066 MOLEX1-1511174066 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174416 MOLEX1-1511174416 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511173460 MOLEX1-1511173460 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174070 MOLEX1-1511174070 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174412 MOLEX1-1511174412 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511173466 MOLEX1-1511173466 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com