Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673ED36BK-550I Datasheet(PDF) 8 Page - GSI Technology

Part # GS8673ED36BK-550I
Description  72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673ED36BK-550I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8673ED36BK-550I Datasheet HTML 4Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 5Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 6Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 7Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 8Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 9Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 10Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 11Page - GSI Technology GS8673ED36BK-550I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
GS8673ED18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
8/31
© 2011, GSI Technology
Read Latency (RL)
Read Latency is the Read pipeline length, and directly impacts the maximum operating frequency of the device. It is user-
programmable through mode pins RLM [1:0].
GS8673ED18/36BK-675 Read Latency
Read Latency (RL)
RLM1
RLM0
Frequency
3.0 cycles
1
0
167 MHz–675 MHz
2.0 cycles
0
1
167 MHz–450 MHz
GS8673ED18/36BK-625 Read Latency
Read Latency (RL)
RLM1
RLM0
Frequency
3.0 cycles
1
0
167 MHz–625 MHz
2.0 cycles
0
1
167 MHz–400 MHz
GS8673ED18/36BK-550 Read Latency
Read Latency (RL)
RLM1
RLM0
Frequency
3.0 cycles
1
0
167 MHz–550 MHz
2.0 cycles
0
1
167 MHz–375 MHz
GS8673ED18/36BK-500 Read Latency
Read Latency (RL)
RLM1
RLM0
Frequency
3.0 cycles
1
0
167 MHz–500 MHz
2.0 cycles
0
1
167 MHz–333 MHz


Similar Part No. - GS8673ED36BK-550I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-550I GSI-GS8673ED36BK-550I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-550IS GSI-GS8673ED36BK-550IS Datasheet
359Kb / 25P
   On-Chip ECC with virtually zero SER
More results

Similar Description - GS8673ED36BK-550I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BGK-625I GSI-GS8673ED36BGK-625I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BK-675 GSI-GS8673ED36BK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com