Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74116AGP-8 Datasheet(PDF) 4 Page - GSI Technology

Part # GS74116AGP-8
Description  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116AGP-8 Datasheet(HTML) 4 Page - GSI Technology

  GS74116AGP-8 Datasheet HTML 1Page - GSI Technology GS74116AGP-8 Datasheet HTML 2Page - GSI Technology GS74116AGP-8 Datasheet HTML 3Page - GSI Technology GS74116AGP-8 Datasheet HTML 4Page - GSI Technology GS74116AGP-8 Datasheet HTML 5Page - GSI Technology GS74116AGP-8 Datasheet HTML 6Page - GSI Technology GS74116AGP-8 Datasheet HTML 7Page - GSI Technology GS74116AGP-8 Datasheet HTML 8Page - GSI Technology GS74116AGP-8 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
IIL
VIN = 0 to VDD
– 1 uA
1 uA
Output Leakage Current
ILO
Output High Z
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
I = –4 mA
2.4
Output Low Voltage
VOL
I = +4 mA
0.4 V
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
Unit
8 ns
10 ns
12 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD
CE
≤ V
All other inputs
≥ V or ≤ V
Min. cycle time
I
= 0 mA
130
105
90
140
115
100
mA
Standby
Current
ISB1
CE
≥ V
All other inputs
≥ V or ≤ V
Min. cycle time
30
25
25
40
35
35
mA
Standby
Current
ISB2
CE
≥ V – 0.2V
All other inputs
≥ V – 0.2 V or ≤ 0.2 V
10
20
mA
GS74116AGP/X
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.10 1/2013
4/13
© 2001, GSI Technology
OH
LO
IL
IH
IL
OUT
IH
IH
IL
DD
DD


Similar Part No. - GS74116AGP-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116AGP-8 GSI-GS74116AGP-8 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-8 GSI-GS74116AGP-8 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-8I GSI-GS74116AGP-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-8I GSI-GS74116AGP-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

Similar Description - GS74116AGP-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com