Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74116AGP-8 Datasheet(PDF) 6 Page - GSI Technology

Part # GS74116AGP-8
Description  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116AGP-8 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS74116AGP-8 Datasheet HTML 2Page - GSI Technology GS74116AGP-8 Datasheet HTML 3Page - GSI Technology GS74116AGP-8 Datasheet HTML 4Page - GSI Technology GS74116AGP-8 Datasheet HTML 5Page - GSI Technology GS74116AGP-8 Datasheet HTML 6Page - GSI Technology GS74116AGP-8 Datasheet HTML 7Page - GSI Technology GS74116AGP-8 Datasheet HTML 8Page - GSI Technology GS74116AGP-8 Datasheet HTML 9Page - GSI Technology GS74116AGP-8 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GS74116AGP/X
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.10 1/2013
6/13
© 2001, GSI Technology
AC Characteristics
Read Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
8
10
12
ns
Address access time
tAA
8
10
12
ns
Chip enable access time (CE)
tAC
8
10
12
ns
Byte enable access time (UB, LB)
tAB
3.5
4
5
ns
Output enable to output valid (OE)
tOE
3.5
4
5
ns
Output hold from address change
tOH
3
3
3
ns
Chip enable to output in low Z (CE)
t *
3
3
3
ns
Output enable to output in low Z (OE)
t *
0
0
0
ns
Byte enable to output in low Z (UB, LB)
t *
0
0
0
ns
Chip disable to output in High Z (CE)
t *
4
5
6
ns
Output disable to output in High Z (OE)
t
*
3.5
4
5
ns
Byte disable to output in High Z (UB, LB)
t
*
3.5
4
5
ns
* These parameters are sampled and are not 100% tested.
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid
Read Cycle 1: CE = OE = VIL, WE = VIH, UB and, or LB = VIL
LZ
OLZ
BLZ
HZ
OHZ
BHZ


Similar Part No. - GS74116AGP-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116AGP-8 GSI-GS74116AGP-8 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-8 GSI-GS74116AGP-8 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-8I GSI-GS74116AGP-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-8I GSI-GS74116AGP-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

Similar Description - GS74116AGP-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com