Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81284Z36B-200V Datasheet(PDF) 1 Page - GSI Technology

Part # GS81284Z36B-200V
Description  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81284Z36B-200V Datasheet(HTML) 1 Page - GSI Technology

  GS81284Z36B-200V Datasheet HTML 1Page - GSI Technology GS81284Z36B-200V Datasheet HTML 2Page - GSI Technology GS81284Z36B-200V Datasheet HTML 3Page - GSI Technology GS81284Z36B-200V Datasheet HTML 4Page - GSI Technology GS81284Z36B-200V Datasheet HTML 5Page - GSI Technology GS81284Z36B-200V Datasheet HTML 6Page - GSI Technology GS81284Z36B-200V Datasheet HTML 7Page - GSI Technology GS81284Z36B-200V Datasheet HTML 8Page - GSI Technology GS81284Z36B-200V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
GS81284Z18/36B-xxxV
144Mb Pipelined and Flow Through
Synchronous NBT SRAM
200 MHz–167 MHz
1.8 V or 2.5 V VDD
1.8 V or 2.5 V I/O
119-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02 7/2010
1/28
© 2007, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• NBT (No Bus Turn Around) functionality allows zero wait
Read-Write-Read bus utilization; fully pin-compatible with
both pipelined and flow through NtRAM™, NoBL™ and
ZBT™ SRAMs
• 1.8 V 2.5 V core power supply
• 1.8 V or 2.5 V I/O supply
• User-configurable Pipeline and Flow Through mode
• ZQ mode pin for user-selectable high/low output drive
• IEEE 1149.1 JTAG-compatible Boundary Scan
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 8Mb, 36Mb, and 72Mb devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• JEDEC-standard 119-BGA package
• RoHS-compliant 119-BGA packages available
Functional Description
The GS81284Z18/36(B)-xxxV is a 144Mbit Synchronous
Static SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL
or other pipelined read/double late write or flow through read/
single late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS81284Z18/36-xxxV may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising edge triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge-triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS81284Z18/36-xxxV is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
standard 119-bump p BGA package.
Parameter Synopsis
-200
-167
Unit
Pipeline
3-1-1-1
tKQ
tCycle
3.0
5.0
3.4
6.0
ns
ns
Curr (x18)
Curr (x36)
420
480
385
430
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
7.5
7.5
8.0
8.0
ns
ns
Curr (x18)
Curr (x36)
340
370
330
360
mA
mA


Similar Part No. - GS81284Z36B-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8128018GT-200 GSI-GS8128018GT-200 Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200I GSI-GS8128018GT-200I Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200IV GSI-GS8128018GT-200IV Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200V GSI-GS8128018GT-200V Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-250 GSI-GS8128018GT-250 Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
More results

Similar Description - GS81284Z36B-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GD-250I GSI-GS81282Z18GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-200IV GSI-GS81282Z36GB-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com