Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFCN-630D Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFCN-630D
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-630D Datasheet(HTML) 1 Page - Mini-Circuits

  LFCN-630D Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
8.5W max. at 25°C
DC Current Input to Output
0.5A max. at 25°C
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Applications
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
H
.126
.063
.039
.020
.032
.009
.169
.087
3.20
1.60
0.99
0.51
0.81
0.23
4.29
2.21
J
K
L
M
N
P
wt.
.024
.122
.024
.087
.012
.071 grams
0.61
3.10
0.61
2.21
0.30
1.80
.020
• excellent power handling, 8.5W
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3.5W at 100°C ambient.
LFCN-630
DC-630
830
1000
1050-3500
6000
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
1.00
0.05
1.01
100.00
0.18
1.04
250.00
0.33
1.09
400.00
0.48
1.10
630.00
0.88
1.16
700.00
1.16
1.29
830.00
2.99
1.73
980.00
29.14
15.39
1020.00
41.38
17.75
2000.00
47.29
38.61
3500.00
43.24
44.55
4500.00
29.47
36.97
5000.00
26.58
28.49
5500.00
22.87
25.19
6000.00
21.45
21.20
• harmonic rejection
• VHF/UHF transmitters/receivers
• RF suppresion for DC lines on PCB
• anti-aliasing for A/D converter
LFCN-630
INSERTION LOSS
0
10
20
30
40
50
60
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
LFCN-630
VSWR
1
10
100
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
K1-LFCN
35
5 of each: LFCN-225, -320, -400, -490, -530, -575, -630 99.95
designers kit available
Kit
No.
No. of
Units in Kit
Description
Price $
per Kit
Model
Price
Qty.
LFCN-630
$2.99
(10-49)
LFCN-630D
$3.49
(10-49)
CASE STYLE: FV1206
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-630D (DC Resistance to
ground is 100 Mohms min.)
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 630 MHz
Low Pass Filter
Ceramic
LFCN-630
REV. B
M96263
LFCN-630
EDR-6588/7
RVN/AD/CP
050113
NEW!


Similar Part No. - LFCN-630D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630++ MINI-LFCN-630+ Datasheet
298Kb / 1P
   LOW PASS FILTERS
LFCN-630++ MINI-LFCN-630+ Datasheet
306Kb / 1P
   LOW PASS FILTERS
More results

Similar Description - LFCN-630D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com