Electronic Components Datasheet Search |
|
GS82583ED18GK-625I Datasheet(PDF) 10 Page - GSI Technology |
|
GS82583ED18GK-625I Datasheet(HTML) 10 Page - GSI Technology |
10 / 27 page GS82583ED18/36GK-675/625/550/500 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 8/2016 10/26 © 2014, GSI Technology Absolute Maximum Ratings Parameter Symbol Rating Units Notes Core Supply Voltage VDD -0.3 to +1.4 V I/O Supply Voltage when MVQ = 0 VDDQ -0.3 to VDD V I/O Supply Voltage when MVQ = 1 VDDQ -0.3 to +1.8 Input Voltage VIN -0.3 to VDDQ + 0.3 V Junction Temperature TJ 0 to 125 C Storage Temperature TSTG -55 to 125 C Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recom- mended Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions for an extended period of time may affect reliability of this component. Recommended Operating Conditions Parameter Symbol Min Typ Max Units Notes Core Supply Voltage VDD 1.25 1.3 1.35 V I/O Supply Voltage when MVQ = 0 VDDQ 1.15 1.2 or 1.3 VDD V I/O Supply Voltage when MVQ = 1 VDDQ 1.45 1.5 1.55 V Commercial Junction Temperature TJC 0 — 85 C Industrial Junction Temperature TJI -40 — 100 C Note: For reliability purposes, power supplies must power up simultaneously, or in the following sequence: VSS, VDD, VDDQ, VREF, and Inputs. Power supplies must power down simultaneously, or in the reverse sequence. Thermal Impedances Package JA (C°/W) Airflow = 0 m/s JA (C°/W) Airflow = 1 m/s JA (C°/W) Airflow = 2 m/s JB (C°/W) JC (C°/W) FBGA 12.94 10.47 9.51 2.93 0.33 |
Similar Part No. - GS82583ED18GK-625I |
|
Similar Description - GS82583ED18GK-625I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |