Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8256436GB-200 Datasheet(PDF) 2 Page - GSI Technology

Part # GS8256436GB-200
Description  16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8256436GB-200 Datasheet(HTML) 2 Page - GSI Technology

  GS8256436GB-200 Datasheet HTML 1Page - GSI Technology GS8256436GB-200 Datasheet HTML 2Page - GSI Technology GS8256436GB-200 Datasheet HTML 3Page - GSI Technology GS8256436GB-200 Datasheet HTML 4Page - GSI Technology GS8256436GB-200 Datasheet HTML 5Page - GSI Technology GS8256436GB-200 Datasheet HTML 6Page - GSI Technology GS8256436GB-200 Datasheet HTML 7Page - GSI Technology GS8256436GB-200 Datasheet HTML 8Page - GSI Technology GS8256436GB-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
GS8256418/36(GB/GD)-400/333/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 5/2017
2/34
© 2015, GSI Technology
119-Bump BGA—x36 Common I/O—Top View
1
2
3
4
5
6
7
A
VDDQ
A
A
ADSP
A
A
VDDQ
A
B
A
A
A
ADSC
A
A
NC
B
C
A
A
A
VDD
A
A
NC
C
D
DQC
DQPC
VSS
ZQ
VSS
DQPB
DQB
D
E
DQC
DQC
VSS
E1
VSS
DQB
DQB
E
F
VDDQ
DQC
VSS
G
VSS
DQB
VDDQ
F
G
DQC2
DQC
BC
ADV
BB
DQB
DQB
G
H
DQC
DQC
VSS
GW
VSS
DQB
DQB
H
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
J
K
DQD
DQD
VSS
CK
VSS
DQA
DQA
K
L
DQD
DQD
BD
NU
BA
DQA
DQA
L
M
VDDQ
DQD
VSS
BW
VSS
DQA
VDDQ
M
N
DQD
DQD
VSS
A1
VSS
DQA
DQA
N
P
DQD
DQPD
VSS
A0
VSS
DQPA
DQA
P
R
NC
A
LBO
VDD
FT
A
NC
R
T
NC
A
A
A
A
A
ZZ
T
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
U
7 x 17 Bump BGA—14 x 22 mm2 Body—1.27 mm Bump Pitch


Similar Part No. - GS8256436GB-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8256436GB-200 GSI-GS8256436GB-200 Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200I GSI-GS8256436GB-200I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200V GSI-GS8256436GB-200V Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
More results

Similar Description - GS8256436GB-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8128236GB-200IV GSI-GS8128236GB-200IV Datasheet
455Kb / 35P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128218GB-250I GSI-GS8128218GB-250I Datasheet
462Kb / 37P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128218GD-250I GSI-GS8128218GD-250I Datasheet
462Kb / 37P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128236GD-200IVV GSI-GS8128236GD-200IVV Datasheet
455Kb / 35P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS816218BB GSI-GS816218BB Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816218BB-V GSI-GS816218BB-V Datasheet
1Mb / 31P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com