Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C23243DGGRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75C23243DGGRG4
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C23243DGGRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75C23243DGGRG4 Datasheet HTML 7Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 8Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 9Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 10Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 11Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 12Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 13Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 14Page - Texas Instruments SN75C23243DGGRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN65C23243, SN75C23243
3V TO 5.5V DUAL RS232 PORT
SLLS513A − AUGUST 2001 − REVISED MARCH 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
3 V
2.7 V
−2.7 V
INV
Output
Receiver
Input
Generator
(see Note B)
FORCEOFF
tvalid
ROUT
FORCEON
Auto-
powerdown
INV
DOUT
0 V
0 V
−3 V
DIN
CL = 30 pF
(see Note A)
VCC
0 V
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INV High
Indeterminate
Indeterminate
If Signal Remains Within This Region
for More Than 30
µs, INV Is Low†
Valid RS-232 Level, INV High
† Auto-powerdown disables drivers and reduces
supply current to 1
µA.
≈V+
0 V
≈V−
V+
VCC
ten
V−
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 5 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
50% VCC
50% VCC
2.7 V
−2.7 V
0.3 V
0.3 V
tinvalid
Supply
Voltages
Figure 6. INV Propagation Delay Times and Supply Enabling Time


Similar Part No. - SN75C23243DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C23243DGGR TI-SN75C23243DGGR Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGR TI-SN75C23243DGGR Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGRE4 TI-SN75C23243DGGRE4 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN75C23243DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com