Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C23243CDGGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C23243CDGGR
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C23243CDGGR Datasheet(HTML) 5 Page - Texas Instruments

  SN75C23243CDGGR Datasheet HTML 1Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 2Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 3Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 4Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 5Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 6Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 7Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 8Page - Texas Instruments SN75C23243CDGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN65C23243, SN75C23243
3V TO 5.5V DUAL RS232 PORT
SLLS513A − AUGUST 2001 − REVISED MARCH 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Positive output supply voltage range, V+ (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative output supply voltage, V− (see Note 1)
0.3 V to −7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage difference, V+ − V− (see Note 1)
13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Driver (FORCEOFF, FORCEON)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
−25 V to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO: Driver
−13.2 V to 13.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver (INV)
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to network GND.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4 and Figure 7)
MIN
NOM
MAX
UNIT
Supply voltage
VCC = 3.3 V
3
3.3
3.6
V
Supply voltage
VCC = 5 V
4.5
5
5.5
V
Driver and control high-level input voltage, VIH
DIN, FORCEOFF, FORCEON
VCC = 3.3 V
2
V
Driver and control high-level input voltage, VIH
DIN, FORCEOFF, FORCEON
VCC = 5 V
2.4
V
Driver and control low-level input voltage, VIL
DIN, FORCEOFF, FORCEON
0.8
V
Driver and control input voltage, VI
DIN, FORCEOFF, FORCEON
0
5.5
V
Receiver input voltage, VI
RIN
−25
25
V
Operating free-air temperature, TA
SN75C23243
0
70
°C
Operating free-air temperature, TA
SN65C23243
−40
85
°C
NOTE 4: Test conditions are C1−C4 = 0.22
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 7)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
II
Input leakage current
FORCEOFF, FORCEON
±0.01
±1
µA
Auto-powerdown disabled
No load,
FORCEOFF and FORCEON at VCC
0.6
2
mA
ICC
Supply current
(T = 25 C)
Powered off
No load, FORCEOFF at GND
1
20
ICC
Supply current
(TA = 25°C)
Auto-powerdown enabled
No load, FORCEOFF at VCC,
FORCEON at GND,
All RIN are open or grounded
1
20
µA
‡ All typical values are at VCC = 3.3 V or VCC = 5 V and TA = 25°C.
NOTE 4: Test conditions are C1−C4 = 0.22
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.


Similar Part No. - SN75C23243CDGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C23243 TI-SN75C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243 TI-SN75C23243 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGR TI-SN75C23243DGGR Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGR TI-SN75C23243DGGR Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DGGRE4 TI-SN75C23243DGGRE4 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN75C23243CDGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com