Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74128PDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74128PDBVR
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74128PDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV74128PDBVR Datasheet HTML 4Page - Texas Instruments TLV74128PDBVR Datasheet HTML 5Page - Texas Instruments TLV74128PDBVR Datasheet HTML 6Page - Texas Instruments TLV74128PDBVR Datasheet HTML 7Page - Texas Instruments TLV74128PDBVR Datasheet HTML 8Page - Texas Instruments TLV74128PDBVR Datasheet HTML 9Page - Texas Instruments TLV74128PDBVR Datasheet HTML 10Page - Texas Instruments TLV74128PDBVR Datasheet HTML 11Page - Texas Instruments TLV74128PDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Time (s)
-0.003
-0.0015
0
0.0015
0.003
0.0045
0.006
0
-0.024
1
-0.016
2
-0.008
3
0
4
0.008
5
0.016
6
0.024
D011
VIN = 4.5-5.5 V
VOUT = 3.3 V
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
5
COUT = 1 µF
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
-10
0
10
20
30
40
50
60
70
80
90
100
COUT = 1 µF, IOUT = 150 mA
COUT = 1 F, I
µ
OUT = 30 mA
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
IOUT = 150 mA
Output Current (mA)
0
20
40
60
80
100
120
140
160
35
40
45
50
55
60
65
70
75
80
TJ = -40qC
TJ = 0qC
TJ = 25qC
TJ = 85qC
TJ = 125qC
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
1
2
3
5
10
20
30
50
100
200
300
500
TJ = -40qC
TJ = 0qC
TJ = 25qC
TJ = 85qC
TJ = 125qC
8
TLV741P
SBVS309 – JULY 2017
www.ti.com
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
over operating temperature range TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA,
VEN = VIN, COUT = 1 µF, and VOUT(nom) = 1.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
Figure 7. Ground Pin Current vs IOUT and Temperature
Figure 8. Shutdown Current vs VIN and Temperature
Figure 9. Power-Supply Rejection Ratio Over COUT
Figure 10. Power-Supply Rejection Ratio Over IOUT
COUT = 1 µF
Figure 11. Output Spectral Noise Density
IOUT = 0 mA
Figure 12. Line Transient


Similar Part No. - TLV74128PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV74128PDBVR TI1-TLV74128PDBVR Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV74128PDBVR TI1-TLV74128PDBVR Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV74128PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com