Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS6590377ZWSR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6590377ZWSR
Description  Power Management Unit (PMU) for Processor
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6590377ZWSR Datasheet(HTML) 2 Page - Texas Instruments

  TPS6590377ZWSR Datasheet HTML 1Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 2Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 3Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 4Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 5Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 6Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 7Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 8Page - Texas Instruments TPS6590377ZWSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
2
TPS659037
SLIS165E – DECEMBER 2014 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659037
Device Overview
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
1.3
Description
The TPS659037 device is an integrated power-management IC (PMIC). The device provides seven
configurable step-down converters with up to 6 A of output current for memory, processor core, input-
output (I/O), or preregulation of LDOs. One of these configurable step-down converters can be combined
with another 3-A regulator to allow up to 9 A of output current. All of the step-down converters can
synchronize to an external clock source between 1.7 MHz and 2.7 MHz, or an internal fallback clock at 2.2
MHz.
The TPS659037 device contains seven LDO regulators for external use. These LDO regulators can be
supplied from either a system supply or a preregulated supply. The power-up and power-down controller
is configurable and supports any power-up and power-down sequences (OTP based). The TPS659037
device includes a 32-kHz RC oscillator to sequence all resources during power up and power down. In
cases where a fast start up is needed, a 16-MHz crystal oscillator is also included to quickly generate a
stable 32-kHz for the system. All LDOs and SMPS converters can be controlled by the SPI or I2C
interface, or by power request signals. In addition, voltage scaling registers allow transitioning the SMPS
to different voltages by SPI, I2C, or roof and floor control.
One dedicated pin in each package can be configured as part of the power-up sequence to control
external resources. General-purpose input-output (GPIO) functionality is available and two GPIOs can be
configured as part of the power-up sequence to control external resources. Power request signals enable
power mode control for power optimization. The device includes a general-purpose sigma-delta analog-to-
digital converter (GPADC) with three external input channels.
The TPS659037 device is available in a 13-pin × 13-pin nFBGA package with a 0,8-mm pitch.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS659037
ZWS (169)
12.00 mm × 12.00 mm


Similar Part No. - TPS6590377ZWSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6590377ZWSR TI1-TPS6590377ZWSR Datasheet
1Mb / 96P
[Old version datasheet]   Power Management Unit (PMU)
More results

Similar Description - TPS6590377ZWSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com