Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1511181010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1511181010
Description  2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1511181010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1511181010 Datasheet HTML 1Page - Molex Electronics Ltd. 1511181010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/03/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1511181010
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch Milli-Grid™ Header, Surface Mount, Dual Row, Vertical, 2.00µm Tin (Sn)
Plating, without Peg, without Pick and Place Cap, 10 Circuits, Low-Halogen, Tube
Documents:
Drawing (PDF)
Packaging Specification PK-151118-3000 (PDF)
Product Specification PS-151117-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-151118-0001 (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
151118
Application
Board-to-Board, Signal, Wire-to-Board
Overview
Milli-Grid™ Connector System
Product Literature Order No
987651-5501
Product Name
Milli-Grid™
UPC
889056793780
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Under Evaluation
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Liquid Crystal Polymer
Net Weight
0.498/g
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Plating min - Mating
2.000µm
Plating min - Termination
2.000µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
151118 Series
Mates With
Milli-Grid™ Receptacle Housing (Low-
Halogen) 151192 <br>Milli-Grid™
Receptacle Housing 51110 <br>Milli-Grid™
PCB Receptacles 78787 , 78788 , 79107 ,
79109


Similar Part No. - 1511181010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511181012 MOLEX1-1511181012 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181014 MOLEX1-1511181014 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181016 MOLEX1-1511181016 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181018 MOLEX1-1511181018 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
More results

Similar Description - 1511181010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511181056 MOLEX1-1511181056 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181014 MOLEX1-1511181014 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181008 MOLEX1-1511181008 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181016 MOLEX1-1511181016 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181006 MOLEX1-1511181006 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181054 MOLEX1-1511181054 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181020 MOLEX1-1511181020 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181004 MOLEX1-1511181004 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181064 MOLEX1-1511181064 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181058 MOLEX1-1511181058 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
1511181062 MOLEX1-1511181062 Datasheet
54Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Dual Row, Vertical, 2.00關m Tin (Sn)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com