Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUA80-T06-1 Datasheet(PDF) 2 Page - Vitec Power

Part # STUA80-T06-1
Description  80W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA80-T06-1 Datasheet(HTML) 2 Page - Vitec Power

  STUA80-T06-1 Datasheet HTML 1Page - Vitec Power STUA80-T06-1 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
STUA80-D15-13pin N/C
N/C
Vo1
Vo1
Vo1
Vo1 COM COM COM Vo3 COM COM N/C
STUA80-DXX-13pin Vo2 Vo2 Vo1 Vo1 Vo1 Vo1 COM COM COM N/C COM COM N/C
STUA80-TXX-13pin
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1 COM COM COM Vo3 COM COM N/C
Note: Vo1: Output#1 Vo2: Output#2 Vo3: Output#3
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 480gs approx.
3.
Input connector mates with Molex housing
09-50-3051 and Molex 2478 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3061 (or 09-50-3081) and Molex 2478 series
crimp terminal


Similar Part No. - STUA80-T06-1

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STUA80-T06-1 Vitec-STUA80-T06-1 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
More results

Similar Description - STUA80-T06-1

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STUA81 Vitec-STUA81 Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA81-SERIES Vitec-STUA81-SERIES Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com