Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3223EEA-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3223EEA-L
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223EEA-L Datasheet(HTML) 4 Page - Exar Corporation

  SP3223EEA-L Datasheet HTML 1Page - Exar Corporation SP3223EEA-L Datasheet HTML 2Page - Exar Corporation SP3223EEA-L Datasheet HTML 3Page - Exar Corporation SP3223EEA-L Datasheet HTML 4Page - Exar Corporation SP3223EEA-L Datasheet HTML 5Page - Exar Corporation SP3223EEA-L Datasheet HTML 6Page - Exar Corporation SP3223EEA-L Datasheet HTML 7Page - Exar Corporation SP3223EEA-L Datasheet HTML 8Page - Exar Corporation SP3223EEA-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
4
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
TIMING CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Maximum Data Rate
SP3223E
20
235
kbps
RL = 3kΩ, C
L = 000pF, One
Driver active
SP3223EB
250
SP3223EU
000
RL = 3kΩ, C
L = 250pF, One Driver
active
Receiver Propagation Delay
t
PHL and tPLH
0.5
µA
Receiver input to Receiver output,
C
L = 50pF
Receiver Output Enable Time
200
ns
Normal Operation
Receiver Output Disable Time
200
ns
Normal Operation
Driver Skew
E, EB
00
500
ns
│t
PHL - tPLH│, TAMB = 25°C
EU
50
00
ns
Receiver Skew
E, EB, EU
200
000
ns
│t
PHL - tPLH
Transition-Region Slew Rate
E, EB
30
V/µs
Vcc = 3.3V, RL = 3kΩ, T
AMB =
25°C, measurements taken from
-3.0V to +3.0V or +3.0V to -3.0V
EU
90


Similar Part No. - SP3223EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3223EEA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3238E SIPEX-SP3238E Datasheet
224Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com