Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM40N03 Datasheet(PDF) 3 Page - First Components International

Part # FM40N03
Description  40A 03V N Channel Mosfet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FM40N03 Datasheet(HTML) 3 Page - First Components International

  FM40N03 Datasheet HTML 1Page - First Components International FM40N03 Datasheet HTML 2Page - First Components International FM40N03 Datasheet HTML 3Page - First Components International FM40N03 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
F igure 1. Output C haracteris tics
F igure 2. Trans fer C haracteris tics
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
Figure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
ID, Drain C urrent(A)
6
40
35
30
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
-55 C
25 C
40
30
20
10
0
01
23
4
5
6
T j=125 C
1.3
1.2
1.1
1.0
0.9
0.8
0.7
25 C
T j=125 C
-55 C
0
1020
3040
V GS =10V
V GS =4V
V GS =10,9,8,7,6,5V
Cis s
Cos s
Crs s
3600
3000
2400
1800
1200
600
0
0
5
10
15
20
25
30
F igure 5. G a te T hres hold V a ria tion
with T empera ture
T j, J unction T empera ture ( C )
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
-50
-25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
T j, J unction T empera ture ( C )
-50
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
F igure 7. T rans conductance V ariation
with Dra in C urrent
IDS , Dra in-S ource C urrent (A)
40
30
20
10
50
60
0
0
5
10
15
20
V DS =10V
F igure 8. B ody Diode F orwa rd V olta ge
V a ria tion with S ource C urrent
V SD, B ody Diode F orward V oltage (V )
40
10
0.1
1.0
0.4
0.6
0.8
1.0
1.2
1.4
TYPICAL ELECTRICAL CHARACTERISTICS
40A 03V N Channel Mosfet


Similar Part No. - FM40N03

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
More results

Similar Description - FM40N03

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
KNX9103A KIA-KNX9103A Datasheet
120Kb / 4P
   40A, 30V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOK40N30 AOSMD-AOK40N30 Datasheet
326Kb / 5P
   300V,40A N-Channel MOSFET
logo
Unisonic Technologies
UT45N03 UTC-UT45N03 Datasheet
247Kb / 5P
   40A, 25V N-CHANNEL POWER MOSFET
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
   40A, 30V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
KNX9130A KIA-KNX9130A Datasheet
494Kb / 7P
   40A竊?00V N-CHANNEL MOSFET
40N20A KIA-40N20A Datasheet
277Kb / 5P
   40A竊?00V N-CHANNEL MOSFET
logo
Unisonic Technologies
40N15 UTC-40N15 Datasheet
151Kb / 3P
   40A, 150V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
40N10 CHONGQING-40N10 Datasheet
194Kb / 2P
   40A mps,100 Volts N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com