Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM75N08 Datasheet(PDF) 4 Page - First Components International

Part # FM75N08
Description  75A 80V N Channel Mosfet Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FM75N08 Datasheet(HTML) 4 Page - First Components International

  FM75N08 Datasheet HTML 1Page - First Components International FM75N08 Datasheet HTML 2Page - First Components International FM75N08 Datasheet HTML 3Page - First Components International FM75N08 Datasheet HTML 4Page - First Components International FM75N08 Datasheet HTML 5Page - First Components International FM75N08 Datasheet HTML 6Page - First Components International FM75N08 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC( t ) = 0. 87
/W M ax .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC(t )
s ingle pu ls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q uar e W av e P ul s e D ur at i on [ s ec ]
25
50
75
100
125
150
175
0
20
40
60
80
T
C, Case Temperature [
]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
10 µs
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 175
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
Typical Characteristics (Continued)
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Notes :
1. V
GS = 10 V
2. I
D =
37.5 A
T
J, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
75A 80V N Channel Mosfet Transistor


Similar Part No. - FM75N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
   Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
FM75 FAIRCHILD-FM75 Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
SHENZHEN FUMAN ELECTRON...
FM7518 FUMAN-FM7518 Datasheet
397Kb / 7P
   PWM control power switch
FM7518A FUMAN-FM7518A Datasheet
401Kb / 7P
   PWM control power switch
FM7518B FUMAN-FM7518B Datasheet
401Kb / 7P
   PWM control power switch
More results

Similar Description - FM75N08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75N08 UTC-UTT75N08 Datasheet
162Kb / 3P
   75A, 80V N-CHANNEL POWERTRENCH MOSFET
logo
Estek Electronics Co. L...
ET75N08 ESTEK-ET75N08 Datasheet
308Kb / 9P
   80V, 75A, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75545P3 FAIRCHILD-HUF75545P3 Datasheet
270Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com