Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3232EBET-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3232EBET-L
Description  True 3.0V to 5.5V RS-232 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBET-L Datasheet(HTML) 4 Page - Exar Corporation

  SP3232EBET-L Datasheet HTML 1Page - Exar Corporation SP3232EBET-L Datasheet HTML 2Page - Exar Corporation SP3232EBET-L Datasheet HTML 3Page - Exar Corporation SP3232EBET-L Datasheet HTML 4Page - Exar Corporation SP3232EBET-L Datasheet HTML 5Page - Exar Corporation SP3232EBET-L Datasheet HTML 6Page - Exar Corporation SP3232EBET-L Datasheet HTML 7Page - Exar Corporation SP3232EBET-L Datasheet HTML 8Page - Exar Corporation SP3232EBET-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 1000kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 2. Slew Rate vs Load Capacitance
Figure 1. Transmitter Output Voltage vs Load
Capacitance
Figure 3. Supply Current VS. Load Capacitance
when Transmitting Data
Figure 5. Transmitter Output Voltage vs Supply
Voltage
Figure 4. Supply Current VS. Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3222EB/SP3232EB_106_022316


Similar Part No. - SP3232EBET-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EBET-L EXAR-SP3232EBET-L Datasheet
977Kb / 22P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBET-LTR EXAR-SP3232EBET-LTR Datasheet
977Kb / 22P
   True 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3232EBET-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3222ECY-L SIPEX-SP3222ECY-L Datasheet
207Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com