Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM740 Datasheet(PDF) 2 Page - First Components International

Part # FM740
Description  10A 400V Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FM740 Datasheet(HTML) 2 Page - First Components International

  FM740 Datasheet HTML 1Page - First Components International FM740 Datasheet HTML 2Page - First Components International FM740 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
ORDERING INFORMATION
Part Number
Package
.....................F
M740................................................TO-220
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25
.
CFM740
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250
A)
V(BR)DSS
400
V
Drain-Source Leakage Current
(VDS = 400 V, VGS = 0 V)
(VDS = 400 V, VGS = 0 V, TJ = 125
)
IDSS
0.25
1.0
mA
Gate-Source Leakage Current-Forward
(Vgsf = 20 V, VDS = 0 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
...............-100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250
A)
VGS(th)
2.0
4.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 5.0A) *
RDS(on)
................0.4...............
0.55
Drain-Source On-Voltage (VGS = 10 V)
(ID = 5.0 A)
VDS(on)
6.0
V
Forward Transconductance (VDS = 50 V, ID = 5.0A) *
gFS
..4.0................
mhos
Input Capacitance
Ciss
1570
pF
Output Capacitance
Coss
230
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
55
pF
Turn-On Delay Time
td(on)
25
ns
Rise Time
tr
37
ns
Turn-Off Delay Time
td(off)
75
ns
Fall Time
(VDD = 200 V, ID = 10.0 A,
VGS = 10 V,
RG = 10 ) *
tf
31
ns
Total Gate Charge
Qg
46
63
nC
Gate-Source Charge
Qgs
10
nC
Gate-Drain Charge
(VDS = 320 V, ID = 10.0 A,
VGS = 10 V)*
Qgd
23
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
.................2.0..................
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(IS = 10.0 A, VGS = 0 V,
dIS/dt = 100A/µs)
trr
250
ns
* Pulse Test: Pulse Width
300µs, Duty Cycle
2%
** Negligible, Dominated by circuit inductance
FM740 10A 400V Power MOSFET


Similar Part No. - FM740

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7011C FUMAN-FM7011C Datasheet
170Kb / 4P
   Electronic cigarette lighter
FM7011E FUMAN-FM7011E Datasheet
108Kb / 4P
   Electronic cigarette lighter
FM7011F FUMAN-FM7011F Datasheet
106Kb / 4P
   Electronic cigarette lighter
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
   Electronic cigarette lighter
FM7011H FUMAN-FM7011H Datasheet
106Kb / 4P
   Electronic cigarette lighter
More results

Similar Description - FM740

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com