Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMF10N65 Datasheet(PDF) 1 Page - First Components International

Part # FMF10N65
Description  10Amps 650 Voltage N Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMF10N65 Datasheet(HTML) 1 Page - First Components International

  FMF10N65 Datasheet HTML 1Page - First Components International FMF10N65 Datasheet HTML 2Page - First Components International FMF10N65 Datasheet HTML 3Page - First Components International FMF10N65 Datasheet HTML 4Page - First Components International FMF10N65 Datasheet HTML 5Page - First Components International FMF10N65 Datasheet HTML 6Page - First Components International FMF10N65 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings (* Drain current limited by junction temperature)
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
650
V
ID
Continuous Drain Current(@TC = 25°C)
10*
A
Continuous Drain Current(@TC = 100°C)
6*
A
IDM
Drain Current Pulsed
(Note 1)
40*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
812
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Total Power Dissipation(@TC = 25 °C)
50
W
Derating Factor above 25 °C
0.4
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance, Junction-to-Case
-
-
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
Features
RDS(on) (Typical 0.70 Ω )@VGS=10V
Gate Charge (Typical 45nC)
Improved dv/dt Capability, High Ruggedness
100% Avalanche Tested
Maximum Junction Temperature Range (150°C)
General Description
This Power MOSFET is produced using Wisdom’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. These devices are well suited
for high efficiency switch mode power supplies, active power factor
correction, electronic lamp ballasts based on half bridge topology.
N-Channel MOSFET
Symbol
2. Drain
3. Source
1. Gate
TO-220F
1
2
3
FMF10N65 10Amps 650 Voltage N Channel MOSFET


Similar Part No. - FMF10N65

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMF12N65 FCI-FMF12N65 Datasheet
378Kb / 7P
   12Amps 650 Voltage N Channel MOSFET
FMF13N50 FCI-FMF13N50 Datasheet
469Kb / 7P
   13Amps 500 Voltage N - Channel POWER MOSFET
More results

Similar Description - FMF10N65

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
10N65 FCI-10N65 Datasheet
186Kb / 2P
   10Amps 650 Voltage N Channel MOSFET
FM10N60 FCI-FM10N60 Datasheet
122Kb / 2P
   FM10N60 10Amps 600 Voltage N - Channel POWER MOSFET
logo
KIA Semiconductor Techn...
740H KIA-740H Datasheet
389Kb / 5P
   10Amps竊?00V N-CHANNEL MOSFET
logo
First Components Intern...
FMF12N65 FCI-FMF12N65 Datasheet
378Kb / 7P
   12Amps 650 Voltage N Channel MOSFET
logo
Astec America, Inc
ATH10 ASTEC-ATH10 Datasheet
611Kb / 2P
   10Amps
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
   7A mps,650 Volts N-CHANNEL MOSFET
logo
Analog Power
AM12N65B ANALOGPOWER-AM12N65B Datasheet
326Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM6A25NSF VBSEMI-SM6A25NSF Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
STB11NB40 VBSEMI-STB11NB40 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
STB13NK60ZT4 VBSEMI-STB13NK60ZT4 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com