Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3238EEA-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3238EEA-L
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238EEA-L Datasheet(HTML) 5 Page - Exar Corporation

  SP3238EEA-L Datasheet HTML 1Page - Exar Corporation SP3238EEA-L Datasheet HTML 2Page - Exar Corporation SP3238EEA-L Datasheet HTML 3Page - Exar Corporation SP3238EEA-L Datasheet HTML 4Page - Exar Corporation SP3238EEA-L Datasheet HTML 5Page - Exar Corporation SP3238EEA-L Datasheet HTML 6Page - Exar Corporation SP3238EEA-L Datasheet HTML 7Page - Exar Corporation SP3238EEA-L Datasheet HTML 8Page - Exar Corporation SP3238EEA-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3238E_100_020111
5
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
C2+
Positive terminal of the symmetrical charge-pump capacitor C2.
1
GND
Ground.
2
C2-
Negative terminal of the symmetrical charge-pump capacitor C2.
3
V-
Regulated -5.5V output generated by the charge pump.
4
T
1OUT
RS-232 Driver Output.
5
T
2OUT
RS-232 Driver Output.
6
T
3OUT
RS-232 Driver Output.
7
R
1IN
RS-232 receiver input.
8
R
2IN
RS-232 receiver input.
9
T
4OUT
RS-232 Driver Output.
10
R
3IN
RS-232 receiver input.
11
T
5OUT
RS-232 Driver Output.
12
ONLINE
Apply logic HIGH to override
AUTO ON-LINE® circuitry keeping drivers
active (SHUTDOWN must also be logic HIGH, refer to Table 2).
13
SHUTDOWN Apply logic LOW to shut down drivers and charge pump.
This overrides all
AUTO ON-LINE® circuitry and ONLINE (Refer to table 2).
14
STATUS
TTL/CMOS Output indicating if a RS-232 signal is present on any receiver
input.
15
R
1OUT
Non-Inverting receiver - 1 output, active in shutdown.
16
T
5IN
TTL/CMOS driver input.
17
R
3OUT
TTL/CMOS receiver output.
18
T
4IN
TTL/CMOS driver input.
19
R
2OUT
TTL/CMOS receiver output.
20
R
1OUT
TTL/CMOS receiver output.
21
T
3IN
TTL/CMOS driver input.
22
T
2IN
TTL/CMOS driver input.
23
T
1IN
TTL/CMOS driver input.
24
C1-
Negative terminal of the symmetrical charge-pump capacitor C1.
25
Vcc
+3.0V to +5.5V supply voltage.
26
V+
Regulated +5.5V output generated by the charge pump.
27
C1+
Positive terminal of the symmetrical charge-pump capacitor C1.
28


Similar Part No. - SP3238EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L/TR EXAR-SP3238EEA-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results

Similar Description - SP3238EEA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com