Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243EBCA-L-TR Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3243EBCA-L-TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243EBCA-L-TR Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3243EBCA-L-TR Datasheet HTML 4Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 5Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 6Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 7Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 8Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 9Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 10Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 11Page - Exar Corporation SP3243EBCA-L-TR Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
DESCRIPTION
The SP3243E transceivers meet the EIA/TIA-
232andITU-TV.28/V.24communicationprotocols
and can be implemented in battery-powered,
portable, or hand-held applications such as
notebook or palmtop computers. The SP3243E
devices feature Exar's proprietary and patented
(U.S.-- 5,306,954) on-board charge pump cir-
cuitrythatgenerates±5.5VRS-232voltagelevels
from a single +3.0V to +5.5V power supply. The
SP3243EU devices can operate at a data rate
of 1000kbps fully loaded.
The SP3243E is a 3-driver/5-receiver device,
ideal for portable or hand-held applications.
The SP3243E includes one complementary
always-active receiver that can monitor an
external device (such as a modem) in shutdown.
This aids in protecting the UART or serial
controller IC by preventing forward biasing
of the protection diodes where V
CC may be
disconnected.
The SP3243E series is an ideal choice for power
sensitive designs.The SP3243E devices feature
AUTO ON-LINE® circuitry which reduces the
power supply drain to a 1µA supply current.
In many portable or hand-held applications, an
RS-232cablecanbedisconnectedoraconnected
peripheral can be turned off. Under these condi-
tions,theinternalchargepumpandthedriverswill
be shut down. Otherwise, the system automati-
cally comes online. This feature allows design
engineers to address power saving concerns
without major design changes.
THEORY OF OPERATION
The SP3243E series is made up of four basic
circuit blocks:
1. Drivers
2. Receivers
3. the Exar proprietary charge pump, and
4. AUTO ON-LINE® circuitry.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to 5.0V EIA/
TIA-232 levels with an inverted sense relative
to the input logic levels. Typically, the RS-232
output voltage swing is +5.4V with no load and
+5V minimum fully loaded. The driver outputs are
protected against infinite short-circuits to ground
without degradation in reliability. These drivers
comply with the EIA-TIA-232-F and all previous
RS-232 versions. Unused drivers inputs should
be connected to GND or V
CC.
The drivers have a minimum data rate of 250kbps
(EB) or 1000kbps (EU) fully loaded.
Figure 11 shows a loopback test circuit used to
test the RS-232 Drivers. Figure 12 shows the
test results where one driver was active at 1Mbps
and all three drivers loaded with an RS-232 re-
ceiver in parallel with a 250pF capacitor. Figure
13 shows the test results of the loopback circuit
with all drivers active at 250kbps with typical
RS-232loadsinparallelwith1000pFcapacitors.A
superior RS-232 data transmission rate of 1Mbps
makes the SP3243EU an ideal match for high
speed LAN and personal computer peripheral
applications.
Figure 10. Interface Circuitry Controlled by Micropro-
cessor Supervisory Circuit
SP3243E
28
24
2
1
27
3
26
5KΩ
5KΩ
5KΩ
5KΩ
5KΩ
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
14
13
12
20
19
18
17
16
15
0.1 µF
0.1 µF
0.1 µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1 µF
0.1 µF
9
10
11
4
5
6
7
8
RS-232
OUTPUTS
RS-232
INPUTS
23
22
21
VCC
25
T1IN
R1OUT
R
1 IN
T2 OUT
R2OUT
T2IN
T3IN
T3 OUT
T1OUT
R2IN
R3IN
R4IN
R5IN
R2OUT
R3OUT
R4OUT
R5OUT
ONLINE
SHUTDOWN
STATUS
UART
or
Serial µC
µ P
Supervisor
IC
TxD
RTS
DTR
RxD
CTS
DSR
DCD
RI
VCC
VIN
RESET


Similar Part No. - SP3243EBCA-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EBCA-L EXAR-SP3243EBCA-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBCA-L EXAR-SP3243EBCA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBCA-L/TR EXAR-SP3243EBCA-L/TR Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243EBCA-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUEA-L-TR EXAR-SP3243EUEA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243E EXAR-SP3243E Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com