Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243EEA-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3243EEA-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243EEA-L Datasheet(HTML) 4 Page - Exar Corporation

  SP3243EEA-L Datasheet HTML 1Page - Exar Corporation SP3243EEA-L Datasheet HTML 2Page - Exar Corporation SP3243EEA-L Datasheet HTML 3Page - Exar Corporation SP3243EEA-L Datasheet HTML 4Page - Exar Corporation SP3243EEA-L Datasheet HTML 5Page - Exar Corporation SP3243EEA-L Datasheet HTML 6Page - Exar Corporation SP3243EEA-L Datasheet HTML 7Page - Exar Corporation SP3243EEA-L Datasheet HTML 8Page - Exar Corporation SP3243EEA-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 1000kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 2. Transmitter Output Voltage VS. Supply
Voltage for the SP3243EU
Figure 6. Transmitter Output Voltage VS. Load
Capacitance for the SP3243EB
Figure 1. Transmitter Skew VS. Load Capacitance
0
250
500
1000
1500
2000
200
150
100
50
0
Load Capacitance (pF)
T1 at 500Kbps
T2 at 31.2Kbps
All TX loaded 3K // CLoad
Figure 3. Transmitter Output Voltage VS. Load
Capacitance for the SP3243EU
Figure 5. Supply Current VS. Supply Voltage for the
SP3243EU
Figure 4. Supply Current VS. Load Capacitance for
the SP3243EU
TYPICAL PERFORMANCE CHARACTERISTICS
2.7
3
3.5
4
4.5
5
Supply V oltage (V)
6
4
2
0
-2
-4
-6
1Driver at 1Mbps
Other Drivers at 62.5Kbps
All Drivers Loaded with 3K // 250pF
25
20
15
10
5
0
2.7
3
3.5
4
4.5
5
Supply V oltage (V DC)
1 Transmitter at 250Kbps
2 Transmitters at 15.6Kbps
All drivers loaded with 3K // 1000pF
0
250
500
1000
1500
2000
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
1 TX at full data rate
2 TX’s at1/16 data rate
2Mbps
1.5Mbps
1Mbps
2Mbps
1.5Mbps
1Mbps
40
35
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
250Kbps
120Kbps
20Kbps
1 Transmitter at full Data Rate
2 Transmitters at 15.5 Kbps
All Transmitters loades 3K + Load Cap
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT +
TxOUT -
Load Capacitance (pF)


Similar Part No. - SP3243EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EEA-L EXAR-SP3243EEA-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EEA-L EXAR-SP3243EEA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EEA-L/TR EXAR-SP3243EEA-L/TR Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243E EXAR-SP3243E Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBCA-L-TR EXAR-SP3243EBCA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com