Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6205EM5-L-3-3-TR Datasheet(PDF) 11 Page - Exar Corporation

Part # SP6205EM5-L-3-3-TR
Description  300mA/500mA Low Noise CMOS LDO Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6205EM5-L-3-3-TR Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP6205EM5-L-3-3-TR Datasheet HTML 7Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 8Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 9Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 10Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 11Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 12Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 13Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 14Page - Exar Corporation SP6205EM5-L-3-3-TR Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
S
SP
P6
62
20
03
3 /
/ S
SP
P6
62
20
05
5
3
30
00
0m
mA
A/
/5
50
00
0m
mA
A L
Lo
ow
w N
No
oiis
se
e C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
11/14
Rev. 2.0.0
After calculation, we find that in such an
application (SP6205) the regulator is limited to
260.6mA. Doing the same calculations for the
300mA LDO (SP6203) will limit the regulator’s
output current to 260.9mA.
Also, taking advantage of the very low dropout
voltage characteristics of the SP6203/6205,
power dissipation can be reduced by using the
lowest possible input voltage to minimize the
input-to-output drop.
ADJUSTABLE REGULATOR APPLICATIONS
The SP6203/6205 can be adjusted to a specific
output voltage by using two external resistors
(see functional diagram). The resistors set the
output
voltage
based
on
the
following
equation:
VOUT = VREF *(R1/R2 + 1)
Resistor values are not critical because ADJ
(adjust) has a high input impedance, but for
best performance use resistors of 470KΩ or
less. A bypass capacitor from ADJ to VOUT
provides improved noise performance.
DUAL-SUPPLY OPERATION
When used in dual supply systems where the
regulator load is returned to a negative
supply, the output voltage must be diode
clamped to ground.
LAYOUT CONSIDERATIONS
The primary path of heat conduction out of the
package is via the package leads. Therefore,
careful considerations have to be taken into
account:
1) Attaching the part to a larger copper
footprint will enable better heat transfer from
the device, especially on PCB’s where there
are internal ground and power planes.
2) Place the input, output and bypass
capacitors close to the device for optimal
transient response and device behavior.
3) Connect all ground connections directly to
the ground plane. In case there’s no ground
plane, connect to a common local ground point
before connecting to board ground.
Such layouts will provide a much better
thermal conductivity (lower θJA) for, a higher
maximum allowable power dissipation limit.


Similar Part No. - SP6205EM5-L-3-3-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
More results

Similar Description - SP6205EM5-L-3-3-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com