Electronic Components Datasheet Search |
|
EZJZZV270FAD Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
EZJZZV270FAD Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 8 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Varistors 3.7 3 5 12 24 40 6.7 5.6 11 13 16 26 30 40 Circuit voltage DC (V) Wide variety of products is available by adopting multilayer construction, which achieved wide range of usage, such as application to DC voltage lines and signal lines. ● Circuit voltage Multilayer Varistor, Low Voltage Type (Standard Type) [DC voltage lines/Low speed signal lines] Mobile phone SW, LCD, LED, Audio terminal, Battery pack, Memory card, External IF DSC, DVC SW, LCD, LED, USB PC, PDA SW, LCD, LED, USB TV, DVD Audio, Video terminal Audio Audio terminal, Microphone, Receiver Game console Controller, External IF ● Varistor voltage : 6.8 to 65 V [at 1 mA] ● Capacitance : 8.5 to 420 pF typ. [at 1 MHz] Size Part No. Maximum allowable voltage DC (V) Nominal varistor voltage at 1mA (V) Capacitance (pF) Maximum peak current at 8/20µs, 2times (A) Maximum ESD IEC61000-4-2 at 1MHz at 1kHz 0201 EZJPZV6R8JA 3.7 6.8 220 max. [180 typ.] 175 typ. 5 Contact discharge 8 kV EZJPZV6R8GA 3.7 6.8 100 max. [ 85 typ.] 100 typ. 5 EZJPZV080GA 5.6 8 100 max. [ 85 typ.] 100 typ. 5 EZJPZV120GA 7.5 12 100 max. [ 85 typ.] 100 typ. 5 EZJPZV120DA 7.5 12 27 max. [ 22 typ.] 33 typ. 1 EZJPZV120RA 7.5 12 20 max. [ 15 typ.] 18 typ. 1 EZJPZV150RA 9 15 20 max. [ 15 typ.] 18 typ. 1 EZJPZV270RA 16 27 20 max. [ 15 typ.] 16.5 typ. 1 EZJPZV270BA 16 27 10 max. [8.5 typ.] 10 typ. 1 0402 EZJP0V6R8MA 3.7 6.8 680 max. [420 typ.] 650 typ. 20 EZJP0V6R8GA 3.7 6.8 100 max. [ 85 typ.] 100 typ. 3 EZJP0V080MA 5.6 8 680 max. [420 typ.] 650 typ. 20 EZJP0V080KA 5.6 8 330 max. [290 typ.] 480 typ. 15 EZJP0V080GA 5.6 8 100 max. [ 65 typ.] 100 typ. 3 EZJP0V080DA 5.6 8 27 max. [ 22 typ.] 33 typ. 1 EZJP0V120JA 6.7 12 220 max. [150 typ.] 175 typ. 10 EZJZ0V180HA 11 18 150 max. [120 typ.] 140 typ. 10 EZJZ0V220HA 13 22 150 max. [100 typ.] 116 typ. 10 EZJP0V270EA 16 27 47 max. [ 33 typ.] 37 typ. 4 EZJP0V270RA 16 27 20 max. [ 15 typ.] 16.5 typ. 1 EZJZ0V420WA 30 42 56 max. [ 40 typ.] 45 typ. 10 EZJZ0V650DA 40 65 27 max. [ 22 typ.] 33 typ. 5 0603 EZJP1V120KA 6.7 12 330 max. [250 typ.] 290 typ. 20 EZJZ1V180JA 11 18 220 max. [180 typ.] 210 typ. 20 EZJZ1V220JA 13 22 220 max. [160 typ.] 185 typ. 20 EZJZ1V270GA 16 27 100 max. [ 85 typ.] 100 typ. 20 EZJZ1V270EA 16 27 47 max. [ 33 typ.] 37 typ. 20 EZJZ1V270RA 16 27 20 max. [ 15 typ.] 16.5 typ. 3 EZJZ1V330GA 26 33 100 max. [ 85 typ.] 100 typ. 20 EZJZ1V420FA 30 42 68 max. [ 55 typ.] 63 typ. 15 EZJZ1V650DA 40 65 27 max. [ 22 typ.] 33 typ. 5 ● Operating Temperature Range: –40 to 85 °C Maximum Allowable Voltage Maximum DC Voltage that can be applied continuously within the operating temperature range Varistor Voltage Varistor starting voltage between terminals at DC 1 mA, also known as Breakdown voltage Maximum Peak Current Maximum current that can be withstood under the standard pulse 8/20 µs, 2 times based Maximum ESD Maximum voltage that can be withstood under ESD based on IEC61000-4-2, 10 times (5 times of each positive-negative polarity) ✽ Recommend soldering method : Reflow soldering Features Recommended Applications Ratings and Characteristics Feb. 2017 05 |
Similar Part No. - EZJZZV270FAD |
|
Similar Description - EZJZZV270FAD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |