Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDA68 Datasheet(PDF) 2 Page - Vitec Power

Part # SIDA68
Description  60W(80Wpk) Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA68 Datasheet(HTML) 2 Page - Vitec Power

  SIDA68 Datasheet HTML 1Page - Vitec Power SIDA68 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.13M
Hrs
Derate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: 450g approx
(Exclude the input cord)
3.
Optional output connector.


Similar Part No. - SIDA68

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA68-S05 Vitec-SIDA68-S05 Datasheet
376Kb / 2P
   60W(80Wpk) Desktop Power Supply for Industrial Equipment
SIDA68-S08 Vitec-SIDA68-S08 Datasheet
376Kb / 2P
   60W(80Wpk) Desktop Power Supply for Industrial Equipment
SIDA68-SERIES Vitec-SIDA68-SERIES Datasheet
376Kb / 2P
   60W(80Wpk) Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA68

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA68-SERIES Vitec-SIDA68-SERIES Datasheet
376Kb / 2P
   60W(80Wpk) Desktop Power Supply for Industrial Equipment
STDA68 Vitec-STDA68 Datasheet
376Kb / 2P
   60W(80Wpk) Desktop Power Supply for I.T. Equipment
MTDA60 Vitec-MTDA60 Datasheet
395Kb / 2P
   60W Desktop Power Supply for I.T. Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA25B Vitec-SIDA25B Datasheet
389Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com