Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR76208EL-Q Datasheet(PDF) 11 Page - Exar Corporation

Part # XR76208EL-Q
Description  AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76208EL-Q Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR76208EL-Q Datasheet HTML 7Page - Exar Corporation XR76208EL-Q Datasheet HTML 8Page - Exar Corporation XR76208EL-Q Datasheet HTML 9Page - Exar Corporation XR76208EL-Q Datasheet HTML 10Page - Exar Corporation XR76208EL-Q Datasheet HTML 11Page - Exar Corporation XR76208EL-Q Datasheet HTML 12Page - Exar Corporation XR76208EL-Q Datasheet HTML 13Page - Exar Corporation XR76208EL-Q Datasheet HTML 14Page - Exar Corporation XR76208EL-Q Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
XR76203-Q/XR76205-Q/XR76208-Q
11 / 20
exar.com/XR76203-Q/XR76205-Q/XR76208-Q
Rev 1C
©2016-2017 Exar Corporation
Efficiency
Unless otherwise noted: TAMBIENT = 25°C, No Air flow, f=400kHz, Inductor losses are included, Schematic from the applica-
tion information section.
Figure 19: XR76208-Q efficiency, VIN=12V
Figure 20: XR76208-Q efficiency, VIN=24V
Figure 21: XR76205-Q efficiency, VIN=12V
Figure 22: XR76205-Q efficiency, VIN=24V
Figure 23: XR76203-Q efficiency, VIN=12V
Figure 24: XR76203-Q efficiency, VIN=24V
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
5.0V DCM
5.0V CCM
3.3V DCM
3.3V CCM
1.8V DCM
1.8V CCM
3.3uH
4.7uH
6.8uH
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
12V DCM
12V CCM
5.0V DCM
5.0V CCM
3.3V DCM
3.3V CCM
1.8V DCM
1.8V CCM
3.3uH
4.7uH
6.8uH
10uH
200kHz
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
12V DCM
12V CCM
5.0V DCM
5.0V CCM
3.3V DCM
3.3V CCM
1.8V DCM
1.8V CCM
6.8uH
4.7uH
3.3uH
2.2uH
200kHz
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
5.0V DCM
5.0V CCM
3.3V DCM
3.3V CCM
1.8V DCM
1.8V CCM
2.2uH
3.3uH
4.7uH
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
5.0V DCM
5.0V CCM
3.3V DCM
3.3V CCM
1.8V DCM
1.8V CCM
3.3uH
2.2uH
1.5uH
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.1
1.0
10.0
IOUT (A)
12V DCM
12V CCM
5.0V DCM
5.0V CCM
3.3V DCM
3.3V CCM
1.8V DCM
1.8V CCM
200kHz, 8.2uH
3.3uH
2.2uH
1.5uH


Similar Part No. - XR76208EL-Q

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76208EL-Q

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Monolithic Power System...
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
   3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
   4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
logo
Exar Corporation
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
logo
Monolithic Power System...
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com