Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XR76208EL-Q Datasheet(PDF) 2 Page - Exar Corporation

Part # XR76208EL-Q
Description  AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76208EL-Q Datasheet(HTML) 2 Page - Exar Corporation

  XR76208EL-Q Datasheet HTML 1Page - Exar Corporation XR76208EL-Q Datasheet HTML 2Page - Exar Corporation XR76208EL-Q Datasheet HTML 3Page - Exar Corporation XR76208EL-Q Datasheet HTML 4Page - Exar Corporation XR76208EL-Q Datasheet HTML 5Page - Exar Corporation XR76208EL-Q Datasheet HTML 6Page - Exar Corporation XR76208EL-Q Datasheet HTML 7Page - Exar Corporation XR76208EL-Q Datasheet HTML 8Page - Exar Corporation XR76208EL-Q Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
XR76203-Q/XR76205-Q/XR76208-Q
2 / 20
exar.com/XR76203-Q/XR76205-Q/XR76208-Q
Rev 1C
©2016-2017 Exar Corporation
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause perma-
nent damage to the device. Exposure to any Absolute Max-
imum Rating condition for extended periods may affect
device reliability and lifetime.
PVIN, VIN.....................................................................-0.3V to 43V
VCC.............................................................................-0.3V to 6.0V
BST............................................................................-0.3V to 48V1
BST-SW.........................................................................-0.3V to 6V
SW, ILIM....................................................................-1V to 43V1, 2
ALL other pins...................................................-0.3V to VCC+0.3V
Storage Temperature............................................-65°C to +150°C
Junction Temperature............................................................150°C
Power Dissipation................................................Internally Limited
Lead Temperature (Soldering, 10 sec)..................................300°C
ESD Rating (HBM - Human Body Model)...............................
±2kV
ESD Rating (Charged device model (CDM) per AEC Q100-011,
Non-corner pins...................................................................
±500V
ESD Rating (Charged device model (CDM) per AEC Q100-011,
Corner pins 1, 7, 8, 14, 15, 22, 23, 30..................................
±750V
Operating Conditions
PVIN.................................................................................5V to 40V
VIN................................................................................5.5V to 40V
SW, ILIM.......................................................................-1V to 40V1
PGOOD, VCC, TON, SS, EN, FB.................................-0.3V to 5.5V
Switching Frequency........................................100kHz to 800kHz3
Junction Temperature Range................................-40°C to +125°C
XR76203-Q Package Thermal Resistance, JA..................28°C/W
XR76205-Q Package Thermal Resistance, JA..................26°C/W
XR76208-Q Package Thermal Resistance, JA..................25°C/W
XR76203-Q Package Power Dissipation at 25°C....................3.6W
XR76205-Q Package Power Dissipation at 25°C....................3.8W
XR76208-Q Package Power Dissipation at 25°C....................4.0W
Note 1: No external voltage applied.
Note 2: SW pin’s minimum DC range is -1V, transient is -5V for less than
50ns.
Note 3: Recommended frequency
Electrical Characteristics
Unless otherwise noted: TJ= 25°C, VIN=24V, BST=VCC, SW=AGND=PGND=0V, CVCC=4.7uF. Limits applying over the full
operating temperature range are denoted by a “
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Characteristics
VIN
Input Voltage Range
VCC regulating
5.5
40
V
IVIN
VIN Input Supply Current
Not switching, VIN = 24V, VFB = 0.7V
0.7
2
mA
IVIN
VIN Input Supply Current (XR76203-Q)
f=300kHz, RON=215k, VFB=0.58V
12
mA
IVIN
VIN Input Supply Current (XR76205-Q)
f=300kHz, RON=215k, VFB=0.58V
15
mA
IVIN
VIN Input Supply Current (XR76208-Q)
f=300kHz, RON=215k, VFB=0.58V
19
mA
IOFF
Shutdown Current
Enable = 0V, VIN = 12V
1
μA
Enable and Under-Voltage Lock-Out UVLO
VIH_EN_1
EN Pin Rising Threshold
1.8
1.9
2.0
V
VEN_H_1
EN Pin Hysteresis
70
mV
VIH_EN_2
EN Pin Rising Threshold for DCM/CCM
operation
2.8
3.0
3.1
V
VEN_H_2
EN Pin Hysteresis
100
mV


Similar Part No. - XR76208EL-Q

ManufacturerPart #DatasheetDescription
Exar Corporation
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76208EL-Q

ManufacturerPart #DatasheetDescription
Exar Corporation
Exar Corporation
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
Monolithic Power Systems
Monolithic Power System...
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
   3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
Exar Corporation
Exar Corporation
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
Monolithic Power Systems
Monolithic Power System...
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
   4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com