Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKN91-08AS90 Datasheet(PDF) 10 Page - International Rectifier

Part # IRKN91-08AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKN91-08AS90 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRKN91-08AS90 Datasheet HTML 2Page - International Rectifier IRKN91-08AS90 Datasheet HTML 3Page - International Rectifier IRKN91-08AS90 Datasheet HTML 4Page - International Rectifier IRKN91-08AS90 Datasheet HTML 5Page - International Rectifier IRKN91-08AS90 Datasheet HTML 6Page - International Rectifier IRKN91-08AS90 Datasheet HTML 7Page - International Rectifier IRKN91-08AS90 Datasheet HTML 8Page - International Rectifier IRKN91-08AS90 Datasheet HTML 9Page - International Rectifier IRKN91-08AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRK.71, .91 Series
10
Bulletin I27132 rev. I 09/04
www.irf.com
Fig. 24 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rectangular gate pulse
(4)
(3) (2)
(1)
InstantaneousGate Current (A)
a)Recommended load line for
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
(1) PGM = 200 W, tp = 300 µs
(2) PGM = 60 W, tp = 1 ms
(3) PGM = 30 W, tp = 2 ms
(4) PGM = 12 W, tp = 5 ms
<= 30%rated di/ dt: 15 V, 40 ohms
tr = 1 µs, tp >= 6 µs
rated di/dt: 20 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
IRK.71../ .91.. Series
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - IRKN91-08AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKN41/04A IRF-IRKN41/04A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN41/04AS90 IRF-IRKN41/04AS90 Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN41/06A IRF-IRKN41/06A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN41/06AS90 IRF-IRKN41/06AS90 Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN41/08A IRF-IRKN41/08A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKN91-08AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com