Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDA131-S06 Datasheet(PDF) 2 Page - Vitec Power

Part # STDA131-S06
Description  130W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA131-S06 Datasheet(HTML) 2 Page - Vitec Power

  STDA131-S06 Datasheet HTML 1Page - Vitec Power STDA131-S06 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.1M
Hrs
Derate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Io=Full load, Vin=230VAC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: 778~800g approx
(Exclude the input cord)
3.
Optional output connector.


Similar Part No. - STDA131-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA131-S06 Vitec-STDA131-S06 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
More results

Similar Description - STDA131-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA130 Vitec-STDA130 Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
SMDA130 Vitec-SMDA130 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
SMDA130-SERIES Vitec-SMDA130-SERIES Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com