Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1050768 Datasheet(PDF) 2 Page - SICK AG

Part # 1050768
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050768 Datasheet(HTML) 2 Page - SICK AG

  1050768 Datasheet HTML 1Page - SICK AG 1050768 Datasheet HTML 2Page - SICK AG 1050768 Datasheet HTML 3Page - SICK AG 1050768 Datasheet HTML 4Page - SICK AG 1050768 Datasheet HTML 5Page - SICK AG 1050768 Datasheet HTML 6Page - SICK AG 1050768 Datasheet HTML 7Page - SICK AG 1050768 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VFS60A-T4PK01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Illustration may differ
Ordering information
Type
Part no.
VFS60A-T4PK01024
1050768
Other models and accessories
www.sick.com/VFS60
Detailed technical data
Performance
Number of lines per revolution
1,024 1)
Reference signal, number
1
Reference signal, position
90° electric, logically gated with A and B
Error limits
± 0.03°
Measuring step deviation
± 0.01°
Maximum initialisation time
≤ 30 ms
1) Factory programmed number of lines : 1024, level of output signal: TTL.
Interfaces
Communication interface
TTL/HTL programmable
Electrical data
Supply voltage range
4.5 V ... 32 V
Operating power consumption (no load)
≤ 60 mA 1)
Maximum output frequency
≤ 820 kHz
Maximum load current
≤ 30 mA
1) Without load.
Mechanical data
Shaft material
Plastic
Flange type / stator coupling
Standard
Dimensions
See dimensional drawing
Weight
0.2 kg
Moment of inertia of the rotor
40 gcm²
Operating speed
12,000 
min⁻¹ 1)
Angular acceleration
≤ 500,000 rad/s²
Operating torque
0.6 Ncm (+20 °C)
1) Self-warming 3.3 K/1,000 1/min, when applying note working temperature range.
2) The universal cable outlet is positioned in such a way, that it is possible to lay the cable in a radial or axial direction without kinking it.
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice


Similar Part No. - 1050768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050768 PHOENIX-1050768 Datasheet
189Kb / 6P
   PV-C3M-C-2,5-4-R3000 - Crimp contact
More results

Similar Description - 1050768

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60E-BDEJ01024 SICK-VFS60E-BDEJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BJNK01024 SICK-VFS60E-BJNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5AK01024 SICK-VFS60B-T5AK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T8CK01024 SICK-VFS60B-T8CK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-TDNJ01024 SICK-VFS60E-TDNJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-THNK01024 SICK-VFS60E-THNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BHCK01024 SICK-VFS60E-BHCK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T7AK02048 SICK-VFS60B-T7AK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7CK02048 SICK-VFS60E-T7CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7EJ01024 SICK-VFS60E-T7EJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5CK02048 SICK-VFS60B-T5CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com