Electronic Components Datasheet Search |
|
AME8501CEETCF23 Datasheet(PDF) 9 Page - Analog Microelectronics |
|
AME8501CEETCF23 Datasheet(HTML) 9 Page - Analog Microelectronics |
9 / 14 page AME, Inc. 9 AME8500 / 8501 µµµµµProcessor Supervisory Parameter Symbol Min Typ Max Units 15.5 15.5 3.0 5.0 VTHNOM - 1.5% VTHNOM + 1.5% VTHNOM - 2.0% VTHNOM + 2.0% Hysteresis Range VHYST 20 mV RESET Threshold Tempco 30 ppm RESETB Output Voltage Low VDD<VTH (MIN) RESET Output Voltage Low VDD>VTH (MAX) ISOURCE=0.5mA, VDD>1.8V ISOURCE=0.15mA, 1.8V>=VDD>1.0V ISOURCE=0.5mA, VDD>1.8V ISOURCE=0.15mA, 1.8V>=VDD>1.0V VDD to Reset Delay TD1 40 200 µS Version A 0.5 1.5 5 mS Version D 15 30 50 mS Version E 80 150 230 mS Version F 140 210 500 mS Version K 300 440 600 mS Temperature Shutdown TOFF 80 oC Temperature Shutdown Hysteresis THYS 20 oC V VOL 0.8VDD mV ISINK=1.2mA, TA= -40~85 oC 0.5 V V Supply Current IDD TA=-40~85 oC µA VDD = VTH*1.10 VDD = VTH*1.10, TA=-40~85 oC Test Condition TA=-40~85 oC VRELEASE - VTH, note1 VTH Reset Threshold VDD Range* VRANGE AME8501 only AME8501 only VDD= VTH - 100mV, TA= -40 ~ 85 oC Reset Timeout Period* TD2 TA= -40 ~ 85 oC RESETB Output Voltage High VDD>VTH (MAX) RESET Output Voltage High VOH VDD<VTH (MIN) n Electrical Specifications TA = 25OC unless otherwise noted Note1:The data based on V TH=2.7V part type. |
Similar Part No. - AME8501CEETCF23 |
|
Similar Description - AME8501CEETCF23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |