Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC61C Datasheet(PDF) 3 Page - First Components International

Part # FC61C
Description  FC61C CMOS Voltage Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC61C Datasheet(HTML) 3 Page - First Components International

  FC61C Datasheet HTML 1Page - First Components International FC61C Datasheet HTML 2Page - First Components International FC61C Datasheet HTML 3Page - First Components International FC61C Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Characteristics Curve
(1) Supply Current vs. Input Voltage
(2) Detect, Release Voltage vs. Ambient Temperature
Vout=1.8V
Vout=2.7V
Vout=3.6V
Vout=4.5V
Vout=1.8V
Vout=2.7V
Vout=3.6V
Vout=4.5V
FC61C CMOS Voltage Detector


Similar Part No. - FC61C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
   Positive Voltage Detector
logo
First Components Intern...
FC6155 FCI-FC6155 Datasheet
781Kb / 8P
   150mA Low - Noise LDO Regulator
FC6156 FCI-FC6156 Datasheet
250Kb / 8P
   150mA Low - Noise LDO Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
   150mA High Voltage Low Dropout Linear Regulator
FC6160S5G FS-FC6160S5G Datasheet
410Kb / 8P
   150mA High Voltage Low Dropout Linear Regulator
More results

Similar Description - FC61C

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com