Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC6156 Datasheet(PDF) 7 Page - First Components International

Part # FC6156
Description  150mA Low - Noise LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC6156 Datasheet(HTML) 7 Page - First Components International

  FC6156 Datasheet HTML 1Page - First Components International FC6156 Datasheet HTML 2Page - First Components International FC6156 Datasheet HTML 3Page - First Components International FC6156 Datasheet HTML 4Page - First Components International FC6156 Datasheet HTML 5Page - First Components International FC6156 Datasheet HTML 6Page - First Components International FC6156 Datasheet HTML 7Page - First Components International FC6156 Datasheet HTML 8Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
This equation is correct due to the configuration of the bandgap reference. The bandgap voltage is relative to
the output, as seen in the block diagram. Traditional regulators normally have the reference voltage relative to
ground and have a different V
equation.
OUT
Resistor values are not critical because ADJ(adjust) has a high input impedance, but use resistors of 470kW or
less for best results. A capacitor from ADJ to ground provides greatly improved noise performance.
Figure 5. Ultra-Low- Noise Adjustable Voltage Application
Figure 5 includes the optional 470pF noise bypass capacitor from ADJ to GND to reduce output noise.
Dual-Supply Operation
When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage
must be diode clamped to ground.
Typical Characteristics
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Figure 6. Power Supply Rejection Ratio
FREQUENCY(Hz)
V
= 6V
IN
V
= 5V
OUT
I
=100mA
OUT
C
= 1µF
OUT
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Figure 7. Power Supply Rejection Ratio
FREQUENCY(Hz)
V
= 6V
IN
V
= 5V
OUT
I
=100mA
OUT
C
= 2.2µF
OUT
C
= 0.01µF
BYP
320
280
240
200
160
120
80
40
0
0
40
80
120
160
Figure 8. Dropout Voltage vs.
Output Current
OUTPUT CURRENT (mA)
125°C
25°C
-40°C
Figure 9. Noise Performance
FREQUENCY(Hz)
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
1M
10M
100mA
10mA
1mA
V
=5V
OUT
C
=10µF
OUT
electrolytic
C
=10nF
BYP
R1
R2
1
2
3
4
5
VIN
VOUT
470pF
FC6156 150mA Low - Noise LDO Regulator


Similar Part No. - FC6156

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6155 FCI-FC6155 Datasheet
781Kb / 8P
   150mA Low - Noise LDO Regulator
More results

Similar Description - FC6156

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com