Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKT71-14AS90 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKT71-14AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT71-14AS90 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRKT71-14AS90 Datasheet HTML 2Page - International Rectifier IRKT71-14AS90 Datasheet HTML 3Page - International Rectifier IRKT71-14AS90 Datasheet HTML 4Page - International Rectifier IRKT71-14AS90 Datasheet HTML 5Page - International Rectifier IRKT71-14AS90 Datasheet HTML 6Page - International Rectifier IRKT71-14AS90 Datasheet HTML 7Page - International Rectifier IRKT71-14AS90 Datasheet HTML 8Page - International Rectifier IRKT71-14AS90 Datasheet HTML 9Page - International Rectifier IRKT71-14AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRK.71, .91 Series
7
Bulletin I27132 rev. I 09/04
www.irf.com
Fig. 11 - Current Ratings Characteristics
Fig. 10 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
20
406080
100
30°
60° 90°
120°
180°
Average On-state Current (A)
Cond uction Angle
IRK.91.. Series
R
(DC) = 0.27 K/ W
thJC
70
80
90
100
110
120
130
0
20
40
60
80 100 120 140 160
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
IRK.91.. Series
R
(DC) = 0.27 K/ W
thJC
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 13 - On-state Power Loss Characteristics
Fig. 12 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
140
0
20
406080
100
RMSLimit
Conduc tio n Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
IRK.91.. Series
Per Junction
T = 125°C
J
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80 100 120 140 160
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
IRK.91.. Series
Per Junction
T = 125°C
J
700
800
900
1000
1100
1200
1300
1400
1500
1600
110
100
Number Of Equal Amplitude Half Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
IRK.91.. Series
Per Junction
600
800
1000
1200
1400
1600
1800
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Of Conduc tion May Not Be Maintained.
Maximum Non Repetitive Surge Current
IRK.91.. Series
Per Junction


Similar Part No. - IRKT71-14AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT71/04A IRF-IRKT71/04A Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71/04AS90 IRF-IRKT71/04AS90 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71/06A IRF-IRKT71/06A Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71/06AS90 IRF-IRKT71/06AS90 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71/08A IRF-IRKT71/08A Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKT71-14AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com