Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9015W Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 9015W
Description  Silicon PNP transistor in a SOT-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

9015W Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  9015W Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9015W
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-323 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a SOT-323 Plastic Package.

PC 大,hFE 高且特性好,与 9014W 互补。
Hig PC and IC, excellent hFE linearity, complementary pair with 9014W.
用于低电平、低噪声的前置放大器。
Low frequency, low noise pre-amplifier.
内部等效电路 / Equivalent Circuit
PIN1
:Emitter
PIN 2
:Base
PIN 3
:Collector
印章代码 / Marking
hFE
Classifications
Symbol
A
B
C
hFE Range
60~150
100~300
200~600
Marking
HM6A
HM6B
HM6C
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
3
1
2


Similar Part No. - 9015W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
   QUAD NOR GATE
logo
Daya Electric Group Co....
9015 DAYA-9015 Datasheet
691Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015 UTC-9015 Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Nanjing International G...
9015 DGNJDZ-9015 Datasheet
63Kb / 2P
   The transistor is subdivided into four groups
More results

Similar Description - 9015W

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BC856W FOSHAN-BC856W Datasheet
710Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
8550W FOSHAN-8550W Datasheet
801Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
BC846W FOSHAN-BC846W Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
BC847W FOSHAN-BC847W Datasheet
697Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBTA92W FOSHAN-MMBTA92W Datasheet
712Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
2SA1577W FOSHAN-2SA1577W Datasheet
686Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT5551W FOSHAN-MMBT5551W Datasheet
993Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT2907AW FOSHAN-MMBT2907AW Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4401W FOSHAN-MMBT4401W Datasheet
840Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4403W FOSHAN-MMBT4403W Datasheet
845Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com