Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9015W Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 9015W
Description  Silicon PNP transistor in a SOT-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

9015W Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  9015W Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 9015W Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9015W
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-45
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-100
mA
Collector Power Dissipation
PC
250
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=-0.1mA
IE=0
-50
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=-1.0mA
IB=0
-45
V
Emitter to Base Breakdown Voltage
VEBO
IE=-0.1mA
IC=0
-5.0
V
Collector Cut-Off Current
ICBO
VCB=-50V
IE=0
-0.05
μA
Emitter Base Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-0.05
μA
DC Current Gain
hFE
VCE=-5.0V
IC=-1.0mA
60
600
Collector-Emitter Saturation Voltage VCE(sat) IC=-100mA
IB=-5.0mA
-0.2
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat) IC=-100mA
IB=-5.0mA
-0.82
-1.0
V
Collector-Emitter Voltage
VBE
VCE=-5.0V
IC=-2.0mA
-0.65 -0.75
V
Transition Frequency
fT
VCE=-5.0V
IC=-10mA
100
190
MHz
Output Capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
4.5
7.0
pF
Noise Figure
NF
VCE=-5.0V
IC=-0.2mA
Rg=2.0KΩ
f=1.0KHz
Δf=200Hz
0.7
10
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 9015W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
   QUAD NOR GATE
logo
Daya Electric Group Co....
9015 DAYA-9015 Datasheet
691Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015 UTC-9015 Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Nanjing International G...
9015 DGNJDZ-9015 Datasheet
63Kb / 2P
   The transistor is subdivided into four groups
More results

Similar Description - 9015W

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BC856W FOSHAN-BC856W Datasheet
710Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
8550W FOSHAN-8550W Datasheet
801Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
BC846W FOSHAN-BC846W Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
BC847W FOSHAN-BC847W Datasheet
697Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBTA92W FOSHAN-MMBTA92W Datasheet
712Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
2SA1577W FOSHAN-2SA1577W Datasheet
686Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT5551W FOSHAN-MMBT5551W Datasheet
993Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT2907AW FOSHAN-MMBT2907AW Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4401W FOSHAN-MMBT4401W Datasheet
840Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4403W FOSHAN-MMBT4403W Datasheet
845Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com