Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3861E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3861E
Description  2.7Gbps Post Amp with Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3861E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3861E Datasheet HTML 1Page - Maxim Integrated Products MAX3861E Datasheet HTML 2Page - Maxim Integrated Products MAX3861E Datasheet HTML 3Page - Maxim Integrated Products MAX3861E Datasheet HTML 4Page - Maxim Integrated Products MAX3861E Datasheet HTML 5Page - Maxim Integrated Products MAX3861E Datasheet HTML 6Page - Maxim Integrated Products MAX3861E Datasheet HTML 7Page - Maxim Integrated Products MAX3861E Datasheet HTML 8Page - Maxim Integrated Products MAX3861E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.7Gbps Post Amp with Automatic Gain Control
_______________________________________________________________________________________
5
|S11| vs. FREQUENCY
FREQUENCY (Hz)
1G
100M
-35
-30
-25
-20
-15
-10
-5
0
-40
50M
10G
MEASURED ON
EVALUATION BOARD
DISTRIBUTION OF DIFFERENTIAL
OUTPUT OFFSET (VSS = 0V)
DIFFERENTIAL OUTPUT OFFSET (mV)
8
6
4
2
0
-2
-4
-6
-8
5
10
15
20
25
0
-10
10
VCC = 3.6V
VSC = 0V
VIN = 700mVP-P
TA = -40
°C
400
600
500
800
700
900
1000
0
1.0
0.5
1.5
2.0
OUTPUT SIGNAL AMPLITUDE vs.
SC PIN VOLTAGE (VIN = 1.0VP-P)
VSC (V)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
0
100
150
50
200
250
300
RSSI OUTPUT vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mVP-P)
223 - 1PRBS
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
POWER-SUPPLY NOISE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
10k
10
20
30
40
50
60
70
80
0
5k
10M
VIN = 1000mVP-P
VIN = 10mVP-P
|S22| vs. FREQUENCY
FREQUENCY (Hz)
1G
100M
-35
-30
-25
-20
-15
-10
-5
0
-40
50M
10G
MEASURED ON
EVALUATION BOARD
SIGNAL DETECT THRESHOLD vs. RTH
RTH (
Ω)
10,000
1000
10
100,000
100
100
1
DISTRIBUTION OF DIFFERENTIAL
OUTPUT OFFSET (VSC = 2V)
DIFFERENTIAL OUTPUT OFFSET (mV)
16
812
-8
-4
0
4
-12
1
2
3
4
5
6
7
8
9
10
0
-16
VCC = 3.6V
VSC = 2.0V
VIN = 700mVP-P
TA = -40
°C


Similar Part No. - MAX3861E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863E/D MAXIM-MAX3863E/D Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
logo
List of Unclassifed Man...
MAX3863EGJ ETC-MAX3863EGJ Datasheet
65Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
More results

Similar Description - MAX3861E

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
   Automatic gain control
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
   Automatic gain control system
logo
LSI Computer Systems
LS7540 LSI-LS7540 Datasheet
59Kb / 5P
   TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
logo
Panasonic Semiconductor
AN5285K PANASONIC-AN5285K Datasheet
57Kb / 5P
   Sound level automatic gain control IC
logo
LSI Computer Systems
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com