Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3967ETG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3967ETG
Description  270Mbps SFP LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3967ETG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3967ETG Datasheet HTML 1Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 2Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3967ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
270Mbps SFP LED Driver
________________________________________________________________ Maxim Integrated Products
1
TCNOM
1
2
3
4
5
6
7
8
9
101112
13
14
15
16
17
18
19
20
21
22
23
24
TC
PB1
PB2
PB3
VEEOUT
VCCOUT
VCCOUT
VCC
N.C.
MON
MODSET
TOP VIEW
THE EXPOSED PAD MUST BE CONNECTED TO GROUND FOR
PROPER THERMAL AND ELECTRICAL PERFORMANCE
MAX3967
THIN QFN (4mm x 4mm)
Pin Configuration
19-3252; Rev 0; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX3967ETG
-40°C to +85°C
24 Thin QFN
MAX3967E/D
-40°C to +85°C
Dice*
General Description
The MAX3967 is a programmable LED driver for fiber
optic transmitters operating at data rates up to
270Mbps. The circuit contains a high-speed current dri-
ver with programmable temperature coefficient (temp-
co), adjustments for LED prebias voltage, and a disable
feature. The circuit accepts PECL data inputs, and
operates from a single +2.97V to +5.5V power supply.
The SFP LED driver can switch up to 100mA into typical
high-speed light-emitting diodes. As temperature
increases, the device’s modulation current increases
with a tempco that is programmable from 2500ppm/°C
to 12,000ppm/°C. The modulation current is pro-
grammed with a single external resistor.
The MAX3967’s LED prebias voltage is programmable
from 400mV to 925mV. The prebias circuit produces
peaking current, which improves the LED switching
speed.
Complementary current outputs help to maintain a con-
stant supply current, reducing EMI and supply noise
generated by the transmitter module. The MAX3967 is
available in die form, or in a 4mm x 4mm, 24-pin thin
QFN package.
Applications
Multimode LED Transmitters
Fast Ethernet/FDDI
155Mbps LAN ATM Transceivers
ESCON Receivers
SFP Transceivers
Features
♦ TX_DISABLE for SFP Compatibility
♦ Single +2.97V to +5.5V Power Supply
♦ Adjustable Temperature Compensation
♦ Adjustable Modulation Current
♦ Complementary Output Reduces Supply Noise
♦ Programmable LED Prebias Voltage
♦ Available in 24-Pin QFN or Die
Typical Operating Circuits appear at end of data sheet.
*Dice are tested and guaranteed only at TA = +25°C.


Similar Part No. - MAX3967ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3967A MAXIM-MAX3967A Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
MAX3967AE/D MAXIM-MAX3967AE/D Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
MAX3967AETG MAXIM-MAX3967AETG Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
More results

Similar Description - MAX3967ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3967A MAXIM-MAX3967A Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
MAX3982 MAXIM-MAX3982 Datasheet
1Mb / 15P
   SFP Copper-Cable Preemphasis Driver
Rev 0; 8/04
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com