Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA15C-S04 Datasheet(PDF) 1 Page - Vitec Power

Part # SMDA15C-S04
Description  15W Desktop Power Supply For Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA15C-S04 Datasheet(HTML) 1 Page - Vitec Power

  SMDA15C-S04 Datasheet HTML 1Page - Vitec Power SMDA15C-S04 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMDA15C SERIES
15W Desktop Power Supply For Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C6 input inlet
Single Output
Output Voltage Available From 5VDC Thru 36VDC
Over Voltage, Over Load, and Over Temperature Protection
Class I Insulation
Energy Star 2.0, CEC Level V, and RoHS Compliance
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SMDA15C-S02
5 ~ 6 VDC
2.60 ~ 2.16 A
5%
13W
SMDA15C-S03
6 ~ 8 VDC
2.16 ~ 1.62 A
5%
13W
SMDA15C-S04
8 ~ 11 VDC
1.87 ~ 1.36 A
5%
15W
SMDA15C-S05
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
SMDA15C-S06
13 ~ 16 VDC
1.15 ~ 0.93 A
5%
15W
SMDA15C-S07
16 ~ 21 VDC
0.93 ~ 0.71 A
5%
15W
SMDA15C-S08
21 ~ 27 VDC
0.71 ~ 0.55 A
3%
15W
SMDA15C-S09
27 ~ 33 VDC
0.55 ~ 0.45 A
3%
15W
SMDA15C-S10
33 ~ 36 VDC
0.45 ~ 0.41 A
3%
15W
The total regulation on model S02, S03, S05 is required to use AWG#16 / 4FT output cable.
The total regulation on model S04, S06~S10 is required to use AWG#18 / 4FT output cable.
The regulation and efficiency are not guaranteed if changes the output cable
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
15
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.25
0.33
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.17
0.18
A
Low Line Inrush Current
Io=Full load, 25°C Cool start, Vin=115VAC
14
16
A
High Line Inrush Current
Io=Full load, 25°C Cool start, Vin=230VAC
28
30
A
Efficiency
Io=Full Load, Vin=230VAC
73
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
1
3
5
%
Over Voltage Protection*
112
132
%
Over Current Protection*
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
10
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.3
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0.25
0.3
W
Thermal Shutdown By Junction
Temperature Controller *
The parameter is not subject to production
test-verified by design/characterization of integrated
controller. Auto recovery.
-20
125
°C
*When the power system interruption is isolated, the product would re-start after recovering by hand.


Similar Part No. - SMDA15C-S04

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA15C-S04 Vitec-SMDA15C-S04 Datasheet
217Kb / 2P
   15W Desktop Power Supply For Medical Equipment
More results

Similar Description - SMDA15C-S04

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA15A-SERIES Vitec-SMDA15A-SERIES Datasheet
237Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15A Vitec-SMDA15A Datasheet
237Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15B Vitec-SMDA15B Datasheet
221Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15C-SERIES Vitec-SMDA15C-SERIES Datasheet
217Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15B-SERIES Vitec-SMDA15B-SERIES Datasheet
221Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SIDA16B Vitec-SIDA16B Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16A Vitec-SIDA16A Datasheet
434Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com