Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC709511FQD-A00TWG Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC709511FQD-A00TWG
Description  Power Bank Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709511FQD-A00TWG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC709511FQD-A00TWG Datasheet HTML 7Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 8Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 9Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 10Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 11Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 12Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 13Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 14Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LC709511F
REFERENCE SOFTWARE
www.onsemi.com
11
Mode transition
This device is set to a Low power mode to minimize power
consumption when no USB device is connected. If the
connection is detected, it transitions into Operating mode.
FW02
In Figure 9: FW02 state diagram, when the VBUS1 rise (input)
is detected and VBUS1 voltage exceeds the VBDET, it
transitions from Low power mode to Operating mode. Buck
charge is started when VBUS1 voltage exceeds the VBUVP. If
the input plug is removed, it will transition into the Low power
mode again.
During the Low power mode, if the output plug insertion is
detected or the push button is pressed long, it transitions into the
Operating mode to start 5 V Boost charge. If the detected port is
USB2, at first 5 V is applied to VCC, then it opens GATE2.
USB2 port will start as Quick Charge 3.0 HVDCP. 9 V or 12 V
or Continuous mode request is received from the portable device,
the Boost voltage will automatically change according to the
request.
If USB3 with External Boost-IC is connected, BSTEN is set to
“HIGH” to output 5 V.
Boost charge will stop under following conditions of: a) Plug for
the output is removed, b) Output current to the connected
portable device falls under IBTERM, c) Built-in battery voltage
is judged as low, or d) Input plug is connected. If all Boost
charge stops and input plug doesn’t be connected, this device
will transition into the Low power mode. If both the output-plugs
and the input plug are connected, it will transition into Buck
charge. Refer to Table 5.
FW05
In Figure 10: FW05 state diagram. Low power mode will
transition into the Operating mode under following conditions
of: a) CC1 or CC2 ports detect a device is attached, or b) VBUS1
voltage exceeds the VBUVP, or c) Connection to USB3 port is
detected by VB3DET, or d) Push button is pressed for long.
If this device detects VBUS1 rising or Attached.SNK of USB1
port, it will start Buck Charge. If it detects Attached.SRC of
USB1 port or connection to USB3 port, it will start Boost charge.
Boost charge can be performed for USB1 and USB3 ports at the
same time. If all Boost charge stops and CC ports are Unattached,
it will transition into the Low power mode again.
Figure 11 shows detailed Type-C port state diagram. When CC
ports
are
in
Unattached
state,
it
alternates
between
Unattached.SRC and Unattached.SNK. It outputs Rp in the
Unattached.SRC, and outputs Rd in the Unattached.SNK. The
Rp current in Unattaced.SRC and AttachWait.SRC is fixed to the
value for default USB. In Unattached.SNK If Rp is detected on
CC1 or CC2, it transits into AttachWait.SNK. In addition when
VBUS1
voltage
exceeds
VBUVP,
it
will
transit
into
Attached.SNK and start Buck charge.
In Unattached.SRC if Rd or Ra is detected on CC1 or CC2 port,
it transits into AttachWait.SRC. In AttachWait.SRC if VBUS1
voltage is lower than VSAFE0V, it checks CC1 and CC2 status
and transits according to Table 6. When Ra is connected to CC1
or CC2, the other open port keeps toggling. When it becomes to
Attached.SRC, it will start Boost charge. In Attached.SRC Rp
current becomes to the set value by Software configuration.
Refer to Table 14.
Table 5 Connected device vs charge modes
FW02
Connected device
Charge mode
USB1
Micro-B
USB2
Type-A
USB3
Type-A
Source
Buck charge
Source
Sink
Source
Sink
Source
Sink
Sink
Sink
Boost USB2
Sink
Boost USB3
Sink
Sink
Boost USB2 &
USB3
FW05
Connected device
Charge mode
USB1
Type-C
USB3
Type-A
Source
Buck charge
Source
Sink
Sink
Boost USB1
Sink
Boost USB2
Sink
Sink
Boost USB1 & USB3
Table 6 CC status to judge sink
CC1
CC2
State
Open
Open
Nothing attached
Rd
Open
Enter Attached.SRC
Open
Rd
Open
Ra
Attached CC: Keep
AttachWait.SRC
Unattached CC: Keep toggling
Ra
Open
Rd
Ra
Enter Attached.SRC
Ra
Rd
Rd
Rd
Keep AttachWait.SRC
Ra
Ra


Similar Part No. - LC709511FQD-A00TWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
LC709501F ONSEMI-LC709501F Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501FQD-A00TXG ONSEMI-LC709501FQD-A00TXG Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
More results

Similar Description - LC709511FQD-A00TWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
logo
NTE Electronics
57-PB1 NTE-57-PB1 Datasheet
266Kb / 1P
   Power Bank
logo
Holtek Semiconductor In...
HT45F4MA HOLTEK-HT45F4MA Datasheet
5Mb / 145P
   Power Bank Flash MCU
HT45F4N HOLTEK-HT45F4N Datasheet
7Mb / 170P
   Power Bank Flash MCU
logo
ATMEL Corporation
AT91SAM9G45PRE ATMEL-AT91SAM9G45PRE Datasheet
19Mb / 1218P
   DDR2 Controller 4-bank DDR2/LPDDR, SDRAM/LPSDR
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Holtek Semiconductor In...
HT45F5N HOLTEK-HT45F5N Datasheet
7Mb / 202P
   Power Bank ASSP Flash MCU
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
A-Data Technology
AE400 A-DATA-AE400 Datasheet
3Mb / 2P
   Wireless storage reader and power bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com