Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP148AFCT250T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP148AFCT250T2G
Description  Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP148AFCT250T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP148AFCT250T2G Datasheet HTML 4Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 5Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 6Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 7Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 8Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 9Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 10Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 11Page - ON Semiconductor NCP148AFCT250T2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP148
www.onsemi.com
11
configuration on the PCB, the board material, and the
ambient temperature affect the rate of junction temperature
rise for the part.
The maximum power dissipation the NCP148 can handle
is given by:
P
D(MAX) +
125oC
* T
A
q
JA
(eq. 1)
The power dissipated by the NCP148 for given
application conditions can be calculated from the following
equations:
P
D [ VIN @ IGND ) IOUT VIN * VOUT
(eq. 2)
Figure 38.
qJA and PD (MAX) vs. Copper Area (CSP4)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
80
90
100
110
120
130
140
150
160
0
100
200
300
400
500
600
700
PCB COPPER AREA (mm2)
qJA, 2 oz Cu
qJA, 1 oz Cu
PD(MAX), TA = 25°C, 1 oz Cu
PD(MAX), TA = 25°C, 2 oz Cu
Reverse Current
The PMOS pass transistor has an inherent body diode
which will be forward biased in the case that VOUT > VIN.
Due to this fact in cases, where the extended reverse current
condition can be anticipated the device may require
additional external protection.
Power Supply Rejection Ratio
The NCP148 features very high Power Supply Rejection
ratio. If desired the PSRR at higher frequencies in the range
100 kHz – 10 MHz can be tuned by the selection of COUT
capacitor and proper PCB layout.
PCB Layout Recommendations
To obtain good transient performance and good regulation
characteristics place CIN and COUT capacitors close to the
device pins and make the PCB traces wide. In order to
minimize the solution size, use 0402 or 0201 capacitors with
appropriate capacity. Larger copper area connected to the
pins will also improve the device thermal resistance. The
actual power dissipation can be calculated from the equation
above (Equation 2). Expose pad can be tied to the GND pin
for improvement power dissipation and lower device
temperature.
ORDERING INFORMATION
Device
Nominal Output Voltage
Description
Marking
Rotation
Package
Shipping
NCP148AFCT180T2G
1.8 V
450 mA, Active
Discharge
T
270
°
567JZ
5000 /
Tape &
Reel
NCP148AFCT250T2G
2.5 V
V
0
°
NCP148AFCT255T2G
2.55 V
4
180
°
NCP148AFCT260T2G
2.6 V
V
90
°
NCP148AFCT270T2G
2.7 V
Y
0
°
NCP148AFCT280T2G
2.8 V
6
0
°


Similar Part No. - NCP148AFCT250T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP148AFCT250T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com