Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5224A Datasheet(PDF) 2 Page - First Components International

Part # 1N5224A
Description  ZENER DIODES (2.4V to 200V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5224A Datasheet(HTML) 2 Page - First Components International

  1N5224A Datasheet HTML 1Page - First Components International 1N5224A Datasheet HTML 2Page - First Components International 1N5224A Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max.
Zener Voltage
Temp. Coeff. (% /oC)
Data Sheet
½ Watt
ZENER DIODES (2.4V to 200V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: 1N5230B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 0.25mA
(Ω)
Part #
Jedec Type #
I
R (µA)
V
R (V)
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
1N5221A or B
1N5222A or B
1N5223A or B
1N5224A or B
1N5225A or B
1N5226A or B
1N5227A or B
1N5228A or B
1N5229A or B
1N5230A or B
1N5231A or B
1N5232A or B
1N5233A or B
1N5234A or B
1N5235A or B
1N5236A or B
1N5237A or B
1N5238A or B
1N5239A or B
1N5240A or B
1N5241A or B
1N5242A or B
1N5243A or B
1N5244A or B
1N5245A or B
1N5246A or B
1N5247A or B
1N5248A or B
1N5249A or B
1N5250A or B
1N5251A or B
1N5252A or B
1N5253A or B
1N5254A or B
1N5255A or B
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
100
100
75
75
50
25
15
10
5
5
5
5
5
5
5
3
3
3
3
3
2
1
.5
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
1
1
1
1
1
1
1
1
1
2
2
3
3.5
4
5
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
15
16
17
18
19
21
21
-0.085
-0.085
-0.08
-0.08
-0.075
-0.07
-0.065
-0.06
+/- 0.055
+/- 0.03
+/- 0.03
+ 0.038
+ 0.038
+ 0.045
+ 0.050
+ 0.058
+ 0.062
+ 0.065
+ 0.068
+ 0.075
+ 0.076
+ 0.077
+ 0.079
+ 0.082
+ 0.082
+ 0.083
+ 0.084
+ 0.085
+ 0.086
+ 0.086
+ 0.087
+ 0.088
+ 0.089
+ 0.090
+ 0.091
Nominal Zener
Voltage,
V
Z (V)
Page 12-3


Similar Part No. - 1N5224A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5224A FCI-1N5224A Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5224A NJSEMI-1N5224A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Microsemi Corporation
1N5224AUR MICROSEMI-1N5224AUR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results

Similar Description - 1N5224A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com