Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP379 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP379 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP379 Datasheet HTML 4Page - Vishay Siliconix MKP379 Datasheet HTML 5Page - Vishay Siliconix MKP379 Datasheet HTML 6Page - Vishay Siliconix MKP379 Datasheet HTML 7Page - Vishay Siliconix MKP379 Datasheet HTML 8Page - Vishay Siliconix MKP379 Datasheet HTML 9Page - Vishay Siliconix MKP379 Datasheet HTML 10Page - Vishay Siliconix MKP379 Datasheet HTML 11Page - Vishay Siliconix MKP379 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28135
8
Revision: 10-Sep-03
MKP 379
Vishay BCcomponents
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
URdc = 400 V; URac = 200 V; Up-p = 560 V
C
(µF)
DIMENSIONS
w × h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 379 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm(1)
C-tol = ±5%
last 5 digits of
catalog number
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.022
4.0 × 10.0 × 12.5
0.6
54223
1000
1400
0.024
54243
0.027
54273
0.03
54303
0.033
54333
0.036
5.0 × 11.0 × 12.5
0.85
54363
1000
1100
0.039
54393
0.043
54433
Pitch = 15.0 ±0.4 mm; dt = 0.80 ±0.08 mm
0.047
5.0 × 11.0 × 17.5
1.2
54473
1000
1100
0.051
54513
0.056
54563
0.062
54623
0.068
54683
0.075
54753
0.082
54823
0.091
6.0 × 12.0 × 17.5
1.4
54913
1000
900
0.1
54104
0.11
54114
0.12
54124
0.13
7.0 × 13.5 × 17.5
1.9
54134
1000
800
0.15
54154
0.16
54164
0.18
8.5 × 15.0 × 17.5
2.6
54184
1000
650
0.2
54204
0.22
54224
Pitch = 22.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.24
7.0 × 16.5 × 26.0
3.2
54244
200
550
0.27
54274
0.3
54304
0.33
8.5 × 18.0 × 26.0
4.4
54334
200
450
0.36
54364
0.39
54394
0.43
54434
0.47
54474
0.51
10.0 × 19.5 × 26.0
5.5
54514
200
350
0.56
54564
0.62
54624
Pitch = 27.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.68
11.0 × 21.0 × 31.0
7.8
54684
100
0.75
54754
0.82
54824


Similar Part No. - MKP379

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP375 VISHAY-MKP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
logo
List of Unclassifed Man...
MKP375 ETC2-MKP375 Datasheet
1Mb / 54P
   AC and Pulse
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP378 VISHAY-MKP378 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
More results

Similar Description - MKP379

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com