Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432A18 Datasheet(PDF) 1 Page - First Components International

Part # TL432A18
Description  TL432 Adjustable Precision Shunt Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL432A18 Datasheet(HTML) 1 Page - First Components International

  TL432A18 Datasheet HTML 1Page - First Components International TL432A18 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
• Precise Reference Voltage to 1.24V
• Guaranteed 1% Reference Voltage
Tolerance
• Sink Current Capability, 80µA to100mA
• Quick Turn-on
• Adjustable Output Voltage, Vo=VREF to 18V
• 0.2 Ω Typical Output Impedance
Physical Characteristics:
♦ Wafer Diameter ………100 ± 0.5 mm
♦ Wafer thickness …… ..280 ± 20 µm
♦ Die size ……………….0.85 x 0.85 mm2
♦ Scribe width ……….....100 µm
♦ Metallization bottom…without metallization
♦ Passivation …………. PSG
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VKA
Cathode voltage
18
V
I K
Continuous cathode current range
100
mA
I REF
Reference current range
3
mA
Tj
Operating Junction Temperature Range
- 40 to 150
°C
Electrical Characteristics T
A= 25°C ( unless otherwise noted)
TL432A
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRFF
Reference voltage
VKA=VREF, lK=10mA (Fig. 1)
TA =25°C
1.228
1.240
1.252
V
VDEV
VREF Temp Deviation
TA=full range(see Note1)
VKA=VREF, lK=10mA(Fig. 1)
10
25
mV
∆VREF/∆VKA
Ratio of Change in VREF to
Change in Cathode Voltage
!K=10mA, VKA=18V to VREF
(Fig. 2)
-1
-2.7
mV / V
IREF
Reference Input Current
IK=10mA, R1 =10kΩ R2=∞
(Fig.2)
0.25
0.5
µA
IREF(DEV)
IREF Temp Deviation
TK=full range (see Note 1),
R1 =10kΩ, R2=∞, IK=10mA
(Fig. 2)
0.05
0.3
µA
Ik(off)
Off-state cathode current
VREF=0 V,(Fig.3)
Vk=18V
0.04
0.5
µA
Zka
Dynamic Output
Impedance
Vka=Vref, Ik=1mA to 100mA
F
≤1kHz (Fig. 1)
0.2
0.4
IK(MIN)
Minimum Operating Current
VKA=VREF(Fig. 1)
60
80
µA
Notes: 1. Full temperature range is -40°C to 105°C for TL432
TL432 Adjustable Precision Shunt Regulator
Pin: 1. Reference
2. Anode
3. Cathode
Pin: 1. Reference
2. Cathode
3. Anode
FEATURES
l Precise Reference Voltage to 1.240V
l Guaranteed 1% Voltage Tolerance
l Adjustable Output Voltage Vo = Vref to 18V
l Sink Current Capability , 80uA to 100mA
l Die size 0.85 x0.85mm2, Thickness 270+/- 30um
l TO-92 and SOT-23 Packages
TO-92
SOT-23


Similar Part No. - TL432A18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432A TI-TL432A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432A TI-TL432A Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL432A TI-TL432A Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432A TI-TL432A Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
HTC Korea TAEJIN Techno...
TL432A HTC-TL432A Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Similar Description - TL432A18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431-Q1 TI1-TL431-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com