Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZJZZV270RAK Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EZJZZV270RAK
Description  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270RAK Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EZJZZV270RAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
Current (A)
Zener diode
Zener diode
monopolar 2pcs.
Multilayer Varistor
Capacitor 1 pc.
Voltage (V)
Time (ns)
1400
1200
1000
800
600
400
200
0
-200
–20
0
20
40
60
80
100
120
140
160
180
200
Without Varistor
EZJP0V080GA
[V1 mA:8 V, C1 MHz:100 pF max.]
Attenuator : 60 dB
MLCV
150 pF
330
Ω
50
Ω
Electrostatic discharger
Oscillo-scope
Mounting area
Approx .83 % space saving
MLCV
Size 0402
Zener diode
S-79
1.5
2.6
0.5
1.7
0.3
MLCC
Size 0402
Varistor Characteristics and Equivalent Circuit
ESD Suppressive Effects
Replacement of Zener diode
A Multilayer Varistor does not have an electrical polarity like zener diodes and is equivalent to total 3 pcs.
of 2 zener diodes and 1 capacitor.
[Equivalent Circuit]
[ESD suppressed waveform]
Typical effects of ESD suppression
Test conditions: IEC61000-4-2Level 4 Contact discharge, 8 kV
Replacing “Zener diode and Capacitor” with Multilayer Varistor saves both the mounting area and number
of components used.
✽ IEC61000-4-2 ··· International Standard of the ESD testing method (HBM) for electronic equipment ability to
withstand ESD generated from a human body. It sets 4 levels of severity
Severity
Level 1
Level 2
Level 3
Level 4
Contact discharge
2 kV
4 kV
6 kV
8 kV
Air discharge
2 kV
4 kV
8 kV
15 kV
Dimensions in mm
Nov. 2016
04


Similar Part No. - EZJZZV270RAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZZV270RAK PANASONIC-EZJZZV270RAK Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

Similar Description - EZJZZV270RAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com