Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZJZZV270RAK Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EZJZZV270RAK
Description  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270RAK Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EZJZZV270RAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
1000
100
10
10–6
10–5
10–4
10–3
Current (A)
Max. Leakage Current
EZJZ□V171AA
EZJZ□V171AA
EZJZ□V800AA
EZJZ□
V800AA
EZJZ□V500AA
EZJZ□V500AA
Max. Clamping Voltage
10–2
10–1
100
101
(Typical curve)
Multilayer Varistor, Low Capacitance Type
[High speed signal lines]
Mobile phone
Antenna circuit, External IF
DSC, DVC
USB2.0, IEEE1394
PC, PDA
USB2.0, IEEE1394, LAN1000BASE
TV, DVD
USB2.0, IEEE1394, HDMI
Game console
Controller, External IF
Size
Part No.
Maximum
allowable voltage
DC (V)
Nominal varistor
voltage
at 1mA (V)
Capacitance (pF)
at 1MHz
Maximum ESD
IEC61000-4-2
0402
EZJZ0V80010
10
80
1 max. [0.8 typ.]
Contact discharge : 8kV
EZJZ0V80015D
5
80
1.5±0.5
EZJZ0V500AA
5
50
3 max. [2.1 typ.]
EZJZ0V800AA
18
80
3 max. [2.1 typ.]
EZJZ0V171AA
18
170
3 max. [2.1 typ.]
0603
EZJZ1V80010
10
80
1 max. [0.8 typ.]
EZJZ1V500AA
5
50
3 max. [2.1 typ.]
EZJZ1V800AA
18
80
3 max. [2.1 typ.]
EZJZ1V171AA
18
170
3 max. [2.1 typ.]
Operating Temperature Range: –40 to 85 °C
✽ Recommend soldering method : Reflow soldering
Features
Recommended Applications
Multilayer monolithic ceramic construction for high speed signal lines
Ideal for USB 2.0, IEEE1394, and HDMI high speed data busses
Applicable to high-speed signal lines, such as interfaces (e.g. USB 2.0, IEEE1394, HDMI, and so on), due to
our original material technology and multilayer technology.
Capacitance: 0.8 to 2.1 pF typ.
Ratings and Characteristics
Voltage vs. Current
Nov. 2016
04


Similar Part No. - EZJZZV270RAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZZV270RAK PANASONIC-EZJZZV270RAK Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

Similar Description - EZJZZV270RAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com