Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANTN300P002B24553 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # ANTN300P002B24553
Description  WIRELESS COMPONENTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANTN300P002B24553 Datasheet(HTML) 3 Page - YAGEO Corporation

  ANTN300P002B24553 Datasheet HTML 1Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 2Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 3Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 4Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 5Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 6Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 7Page - YAGEO Corporation ANTN300P002B24553 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.yageo.com
May. 29, 2015 V0
Wireless Components
3
8
Product specification
PCB Type Antenna
SPECIFICATIONS
DESCRIPTION
VALUE
Working Frequency
2.40 ~ 2.50 GHz / 5.150 ~ 5.875 GHz
VSWR
2.5:1max / 2.5:1 max
Peak Gain
0.7 dBi / 1.9 dBi
Polarization
Linear
Radiation Pattern
Omni-directional
Impedance
50 Ω Nominal
Operating Temperature
– 40 °C to 85 °C
Maximum Power
1 W
Dimension (PCB+AL Foil)
40mm x 43mm x 0.55mm
Radio Connector
I-PEX (20565-001R-13)
Cable Diameter / Length / Color
1.13mm / 300mm / Black
Mounting
Adhesive Tape (HF-DS)
Table 1
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 1 Antenna outlines
DIMENSIONS
DIMENSION
VALUE
L (mm)
300 ±3.00
W (mm)
40 ± 0.30
H (mm)
8 ± 0.30
H1 (mm)
32 ± 0.30
T (mm)
0.55 ± 0.15
A (mm)
2.30 Max
T1 (mm)
0.15 ± 0.05
Table 2 Mechanical Dimension


Similar Part No. - ANTN300P002B24553

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
ANT-1.4-CW-HW-SMA LINX-ANT-1.4-CW-HW-SMA Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
ANT-1.4-CW-HWR LINX-ANT-1.4-CW-HWR Datasheet
391Kb / 2P
   Rugged & damage-resistant
8/1/2017
logo
List of Unclassifed Man...
ANT-1.4-CW-HWR-RPS ETC2-ANT-1.4-CW-HWR-RPS Datasheet
120Kb / 1P
   Custom colors and terminations for volume OEMs
logo
Linx Technologies
ANT-1.4-CW-HWR-RPS LINX-ANT-1.4-CW-HWR-RPS Datasheet
391Kb / 2P
   Rugged & damage-resistant
8/1/2017
More results

Similar Description - ANTN300P002B24553

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com