Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM129AH-SMD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM129AH-SMD
Description  PRECISION REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM129AH-SMD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM129AH-SMD Datasheet HTML 1Page - National Semiconductor (TI) LM129AH-SMD Datasheet HTML 2Page - National Semiconductor (TI) LM129AH-SMD Datasheet HTML 3Page - National Semiconductor (TI) LM129AH-SMD Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MNLM129A-X REV 0CL
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vr
Reverse Breakdown
Voltage
0.6mA < Ir < 15 mA
6.7
7.2
V
1
Vr (I)
Reverse Breakdown
Change w/Current
0.6mA < Ir < 15 mA
14
mV
1
Rr
Reverse Dynamic
Impedance
Ir = 1mA
1
1
Ohm
1
Vn
RMS Noise
10Hz < F < 10KHz
20
uV
1
Iq
Quiescent Current
0.6
mA
1
Vnpk
Zener Peak Noise
10Hz < FREQ < 10KHz
80
uV
1
Vf
Forward Voltage
Ir = 1mA
-1
-0.2
V
1
Tc(1)
Temperature
Coefficient
Ir = 1.9mA, -55 C < TA < 125 C
1, 2
10
ppm/
C
1
Tc(2)
Temperature
Coefficient
Ir = 1.9mA, -55 C < TA < 125 C
1, 2
-12.4
12.4
mV
1
Note 1:
Parameter tested go-no-go only.
Note 2:
Tested on the National Drift Oven, use program DRFT129XEE.
3


Similar Part No. - LM129AH-SMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM129AH NSC-LM129AH Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LM129AH LINER-LM129AH Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM129AH LINER-LM129AH Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM129AH/883 NSC-LM129AH/883 Datasheet
165Kb / 10P
   Precision Reference
More results

Similar Description - LM129AH-SMD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com